Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99ASC03 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L99ASC03
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L99ASC03 Datasheet HTML 3Page - STMicroelectronics L99ASC03 Datasheet HTML 4Page - STMicroelectronics L99ASC03 Datasheet HTML 5Page - STMicroelectronics L99ASC03 Datasheet HTML 6Page - STMicroelectronics L99ASC03 Datasheet HTML 7Page - STMicroelectronics L99ASC03 Datasheet HTML 8Page - STMicroelectronics L99ASC03 Datasheet HTML 9Page - STMicroelectronics L99ASC03 Datasheet HTML 10Page - STMicroelectronics L99ASC03 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
DocID023504 Rev 7
7/73
L99ASC03
Block diagram and pin descriptions
72
1
Block diagram and pin descriptions
Figure 1. Block diagram
GAPGCFT00013
L99ASC03
SDI
SDO
CSN
SCK
IH1
IL1
Gate
Driver
HS
Gate
Driver
LS
x 3
Control
Diagnosis
Control
Diagnosis
GH1
SH1
GL1
CSI+
CSI-
CSO
Programmable Gain & Shutdown
AGND
CP1+
CP1-
CP2+
CP2-
CP
Central 2 Step Charge Pump
EMC optimized „Spread Spectrum“
VCP
VCP
Programmable
VDSTH & tDead
GH2
SH2
GL2
SL1
DIS
Undervoltage
Overvoltage Det.
VSMS
VBAT
VS
VBAT
VSMS
SL2
SL3
GL3
SH3
GH3
BLDC Motor
IH2
IL2
IH3
IL3
Temperature
Prewarning
& Temperature
Shutdown
T Juntion
VS Monitoring
NRES
VSREG
CSA
x 3
RSense
INH
Ignition /
Klemme 15
+
-
STM8A
VDD
VDD
100k
VSREG
20k
20k
SGND2
DAC
BEMF
Detection
AOUT
AMUX
5V Voltage
Regulator
(and Reset)
BEMFOUT
DOUT
Control Logic
Wake up
From
Sleep mode
MOSFET
Control
SPI
Interface
Window Watchdog
FS_FLAG
DMUX
SGND1
SGND3
CCP1
220nF
CCP2
220nF
CTANK
1μF
CVS
100nF
CVSREG
100nF
RINH
10kΩ
Note: This is a very simplified example of
an application circuit. The function must be
verified in the real application. The
external componant values should be used
as guidline only.
RCP
10kΩ
R
100kΩ
* Size according application
requirements (Voltage dropout
test, warm cranking, …)
C *
BC
C *
VS
NINT
CINH
100nF
Table 2. Pin definition and function
Pin number
Symbol
Function
I/O type
1
SL3
Source of external low-side MOSFET 3
I/O
2
CSI+
Current-sense amplifier positive input
I
3
CSI-
Current-sense amplifier negative input
I
4
SGND2
Signal Ground 2
GND
5
CSO
Current-sense amplifier output
O
6
IL3
Input of low-side switch 3
I
7IH3
Input of high-side switch 3
I
8
IL2
Input of low-side switch 2
I
9IH2
Input of high-side switch 2
I
10
IL1
Input of low-side switch 1
I
11
IH1
Input of high-side switch 1
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com