Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LD01 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 5 Page - STMicroelectronics

  L99LD01 Datasheet HTML 1Page - STMicroelectronics L99LD01 Datasheet HTML 2Page - STMicroelectronics L99LD01 Datasheet HTML 3Page - STMicroelectronics L99LD01 Datasheet HTML 4Page - STMicroelectronics L99LD01 Datasheet HTML 5Page - STMicroelectronics L99LD01 Datasheet HTML 6Page - STMicroelectronics L99LD01 Datasheet HTML 7Page - STMicroelectronics L99LD01 Datasheet HTML 8Page - STMicroelectronics L99LD01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
DocID025319 Rev 3
5/69
L99LD01
List of figures
5
List of figures
Figure 1.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
Connection diagram (top view – not in scale) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
Operating modes, main states . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 4.
Normal start up vs VS ramp up and VCC1 voltage dips. . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 5.
VCC1_FAIL or VCC1 reset under voltage (VS >VSMIN) at start up . . . . . . . . . . . . . . . . . . . . 14
Figure 6.
VCC1 reset under voltage at start up (VS < VSMIN) and fast VS ramp down . . . . . . . . . . . . 15
Figure 7.
Slow vs ramp down. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 8.
Internal structure of the slope compensation circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 9.
Operation with a standalone LIN and ENABLE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 10.
Operation with PM device and ENABLE (FSO active Low) . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 11.
Internal structure of main converter oscillator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 12.
Converter frequency range vs RSF and IRSF vs frequency . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 13.
Correct start UP with no LED overvoltage failure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 14.
LED overvoltage after tDStart . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 15.
Device behavior in case the low to high transition of PWM_L signal happens after tDStart
expiration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 16.
LED overvoltage event not caused by a VS overvoltage event . . . . . . . . . . . . . . . . . . . . . 26
Figure 17.
LED overvoltage detection due to a possible battery VS overvoltage . . . . . . . . . . . . . . . . 27
Figure 18.
Behavior of LED overvoltage recovery bit with low on-time of PWM_L . . . . . . . . . . . . . . . 27
Figure 19.
LED chain overvoltage thresholds settings. An example for boost and fly back converters28
Figure 20.
Input overvoltage programming . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 21.
Clock polarity and clock phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 22.
SPI global error information output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 23.
SPI write operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 24.
SPI read operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 25.
SPI read and clear operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 26.
SPI read device information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 27.
Principle of the WD_Status bits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 28.
Voltage and current conventions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Figure 29.
SPI timing parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Figure 30.
SPI input and output timing parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Figure 31.
SPI maximum clock frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
Figure 32.
NRES pin open drain structure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
Figure 33.
Handshake procedure at start up with microcontroller on board . . . . . . . . . . . . . . . . . . . . 58
Figure 34.
Boost application circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
Figure 35.
Fly back application circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
Figure 36.
Buck-boost application circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
Figure 37.
Stand alone application example for boost topology . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
Figure 38.
Reverse battery protection: an example for boost topology . . . . . . . . . . . . . . . . . . . . . . . . 63
Figure 39.
External MOS required during PWM dimming . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
Figure 40.
LQFP32™ package dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com