Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LD01 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L99LD01
Description  High efficiency constant current LED driver for automotive applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD01 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L99LD01 Datasheet HTML 5Page - STMicroelectronics L99LD01 Datasheet HTML 6Page - STMicroelectronics L99LD01 Datasheet HTML 7Page - STMicroelectronics L99LD01 Datasheet HTML 8Page - STMicroelectronics L99LD01 Datasheet HTML 9Page - STMicroelectronics L99LD01 Datasheet HTML 10Page - STMicroelectronics L99LD01 Datasheet HTML 11Page - STMicroelectronics L99LD01 Datasheet HTML 12Page - STMicroelectronics L99LD01 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
DocID025319 Rev 3
9/69
L99LD01
Functional description
68
2.1.2
Stand alone operation
The device operates with default parameters. The overall tolerance depends on the internal
references precision and the external resistors tolerance. In details:
LED current via external sensing resistor:
Maximum input current via an external shunt resistor.
Oscillator dither effects are set to its default parameters; a low level on the SDI allows
disabling the function.
Low frequency dimming operation is allowed either by PWM pin or by logic level
PWM_L input pin. Connecting the PWM control pin to the supply voltage via a resistor
divider, allows the converter to be synchronized to the low frequency PWM generated,
i.e., from the smart junction box.
Connecting the MOUT pin, which by default provides a logic level image of the control
input, to the PWM_L input, it is possible to drive the LED according to the PWM
frequency and duty cycle of control. (See application circuit of Figure 38).
In case of VR1 over temperature, its output will be permanently switched off. The device
still continues to work in normal mode but with VR1 =OFF.
The L99LD01 can operate in 4 different modes:
Start-up fail
Normal mode
Software limp home
Limp home
After the power on reset, the device stays in start-up phase until VCC1 reaches a specified
threshold, VCC1_TH. Then the device enters in normal mode either with microcontroller or
standalone, depending on the voltage level on the Nreset pin.
Note:
The information about the operation with microcontroller or standalone is latched until a new
power on reset.
If VCC1 does not reach both VCC1 fail and VCC1_TH thresholds within a given delay or if a
VCC1 over temperature event occurs, the device enters in a corresponding state.
2.1.3
Start-up fail
The device enters this mode in case a VCC1 under voltage event occurs during start-up
phase and VS < VSMIN, provided that a microcontroller is detected. In this case VCC1 is
turned off.
If VS remains below VSMIN, then the converter is switched off.
If VS rises above VSMIN, the converter behaves according to the PWM_L pin.
I
LED
150 mV/R
SENSE
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com