Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC138A Datasheet(PDF) 21 Page - Texas Instruments

Part # SN74LVC138A
Description  SN74LVC138A 3-Line to 8-Line Decoders Demultiplexers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC138A Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN74LVC138A Datasheet HTML 17Page - Texas Instruments SN74LVC138A Datasheet HTML 18Page - Texas Instruments SN74LVC138A Datasheet HTML 19Page - Texas Instruments SN74LVC138A Datasheet HTML 20Page - Texas Instruments SN74LVC138A Datasheet HTML 21Page - Texas Instruments SN74LVC138A Datasheet HTML 22Page - Texas Instruments SN74LVC138A Datasheet HTML 23Page - Texas Instruments SN74LVC138A Datasheet HTML 24Page - Texas Instruments SN74LVC138A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Jul-2025
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-9752601Q2A
FK
LCCC
20
55
506.98
12.06
2030
NA
5962-9752601QFA
W
CFP
16
25
506.98
26.16
6220
NA
5962-9752601VFA
W
CFP
16
25
506.98
26.16
6220
NA
SN74LVC138AD
D
SOIC
16
40
507
8
3940
4.32
SN74LVC138AD.B
D
SOIC
16
40
507
8
3940
4.32
SN74LVC138ADE4
D
SOIC
16
40
507
8
3940
4.32
SN74LVC138APW
PW
TSSOP
16
90
530
10.2
3600
3.5
SN74LVC138APW.B
PW
TSSOP
16
90
530
10.2
3600
3.5
SN74LVC138APWG4
PW
TSSOP
16
90
530
10.2
3600
3.5
SNJ54LVC138AFK
FK
LCCC
20
55
506.98
12.06
2030
NA
SNJ54LVC138AW
W
CFP
16
25
506.98
26.16
6220
NA
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com