Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC138A Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74LVC138A
Description  SN74LVC138A 3-Line to 8-Line Decoders Demultiplexers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC138A Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC138A Datasheet HTML 9Page - Texas Instruments SN74LVC138A Datasheet HTML 10Page - Texas Instruments SN74LVC138A Datasheet HTML 11Page - Texas Instruments SN74LVC138A Datasheet HTML 12Page - Texas Instruments SN74LVC138A Datasheet HTML 13Page - Texas Instruments SN74LVC138A Datasheet HTML 14Page - Texas Instruments SN74LVC138A Datasheet HTML 15Page - Texas Instruments SN74LVC138A Datasheet HTML 16Page - Texas Instruments SN74LVC138A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
WORST
BETTER
BEST
1W min.
W
Supply Voltage VCC (V)
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
D001
VIH MIN
VIL MAX
13
SN54LVC138A, SN74LVC138A
www.ti.com
SCAS291W – MARCH 1993 – REVISED OCTOBER 2016
Product Folder Links: SN54LVC138A SN74LVC138A
Submit Documentation Feedback
Copyright © 1993–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.3 Application Curve
Figure 4. Input High and Input Low Thresholds vs Supply Voltage
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in the
Recommended Operating Conditions.
Each VCC terminal must have a good bypass capacitor to prevent power disturbance. A 0.1-µF bypass capacitor
is recommended to be placed close to the VCC terminal. It is acceptable to parallel multiple bypass capacitors to
reject different frequencies of noise; 0.1-µF and 1-µF capacitors are commonly used in parallel. The bypass
capacitor must be installed as close to the power terminal as possible for best results.
11 Layout
11.1 Layout Guidelines
Reflections and matching are closely related to loop antenna theory, but different enough to warrant their own
discussion. When a PCB trace turns a corner at a 90° angle, a reflection can occur. This is primarily due to the
change of width of the trace. At the apex of the turn, the trace width is increased to 1.414 times its width. This
upsets the transmission line characteristics, especially the distributed capacitance and self–inductance of the
trace (resulting in the reflection). It is a given that not all PCB traces can be straight, and so they have to turn
corners. Figure 5 shows progressively better techniques of rounding corners. Only the last example maintains
constant trace width and minimizes reflections.
11.2 Layout Example
Figure 5. Trace Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com