Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC138ADE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC138ADE4
Description  SN74LVC138A 3-Line to 8-Line Decoders Demultiplexers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC138ADE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC138ADE4 Datasheet HTML 2Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 3Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 4Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 5Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 6Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 7Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 8Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 9Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
SN54LVC138A, SN74LVC138A
SCAS291W – MARCH 1993 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: SN54LVC138A SN74LVC138A
Submit Documentation Feedback
Copyright © 1993–2016, Texas Instruments Incorporated
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. See the TI application report,
Implications of Slow or Floating CMOS Inputs.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VCC
Supply voltage
Operating
SN54LVC138A(1)
2
3.6
V
SN74LVC138A(1)
1.65
3.6
Data retention only
1.5
VIH
High-level input voltage
VCC = 1.65 V to 1.95 V
SN74LVC138A(1)
0.65 ×
VCC
V
VCC = 2.3 V to 2.7 V
SN74LVC138A(1)
1.7
VCC = 2.7 V to 3.6 V
2
VIL
Low-level input voltage
VCC = 1.65 V to 1.95 V
SN74LVC138A(1)
0.35 ×
VCC
V
VCC = 2.3 V to 2.7 V
SN74LVC138A(1)
0.7
VCC = 2.7 V to 3.6 V
0.8
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
VCC = 1.65 V
SN74LVC138A(1)
–4
mA
VCC = 2.3 V
SN74LVC138A(1)
–8
VCC = 2.7 V
–12
VCC = 3 V
–24
IOL
Low-level output current
VCC = 1.65 V
SN74LVC138A(1)
4
mA
VCC = 2.3 V
SN74LVC138A(1)
8
VCC = 2.7 V
12
VCC = 3 V
24
Δt/Δv
Input transition rise or fall rate
10
ns/V
TA
Operating free-air
temperature
SN54LVC138A(1)
–55
125
°C
SN74LVC138A(1)
–40
85
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
SNx4LVC138A
UNIT
FK
(LCCC)
J
(CDIP)
W
(CFP)
D
(SOIC)
DB
(SSOP)
DGV
(TVSOP)
ZQN
(BGA
MICROSTAR
JUNIOR)
PW
(TSSOP)
RSV
(UQFN)
20
PINS
16
PINS
16
PINS
16
PINS
16
PINS
16
PINS
20
PINS
16
PINS
16
PINS
RθJA
Junction-to-ambient thermal
resistance
79.2
85.8
138.0
86.8
100.1
122.1
84
108.9
168.9
°C/W
RθJC(top)
Junction-to-case (top) thermal
resistance
56.5
49.3
74.6
47.9
50.6
47.4
56.9
42.5
78.2
°C/W
RθJB
Junction-to-board thermal
resistance
55.2
64.9
127.7
43.8
50.7
53.8
46.1
54.5
96.4
°C/W
ψJT
Junction-to-top characterization
parameter
49.8
37.4
50
15.7
14.3
4.6
3
4.4
4.2
°C/W
ψJB
Junction-to-board
characterization parameter
55.0
69.5
115.7
43.5
50.1
53.2
48.9
53.8
96.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com