Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC138ADE4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74LVC138ADE4
Description  SN74LVC138A 3-Line to 8-Line Decoders Demultiplexers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC138ADE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC138ADE4 Datasheet HTML 6Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 7Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 8Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 9Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 10Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 11Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 12Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 13Page - Texas Instruments SN74LVC138ADE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
G2B
G2A
G1
C
B
A
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
Data
Outputs
Select
Inputs
Enable
Inputs
1
2
3
6
4
5
15
14
13
12
11
10
9
7
Pin numbers shown are for the D, DB, DGV, J, NS, PW, RGY, and W packages.
Copyright © 2016, Texas Instruments Incorporated
10
SN54LVC138A, SN74LVC138A
SCAS291W – MARCH 1993 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: SN54LVC138A SN74LVC138A
Submit Documentation Feedback
Copyright © 1993–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The SNx4LVC138A devices are 3-to-8 decoders and demultiplexers. The three input pins, A, B, and C, select
which output is active. The selected output is pulled LOW, while the remaining outputs are all HIGH. The
conditions at the binary-select inputs at the three enable inputs select one of eight output lines. Two active-low
and one active-high enable inputs reduce the requirement for external gates or inverters when expanding. A 24-
line decoder can be implemented without external inverters, and a 32-line decoder requires only one inverter. An
enable input can be used as a data input for demultiplexing applications.
The conditions at the binary-select inputs and the three enable inputs select one of eight output lines. Two
active-low enable inputs and one active-high enable input reduce the need for external gates or inverters when
expanding. A 24-line decoder can be implemented without external inverters, and a 32-line decoder requires only
one inverter. An enable input can be used as a data input for demultiplexing applications.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 3-Line to 8-Line Decoder
This device features three binary inputs to select a single active-low output. Three enable pins are also available
to enable or disable the outputs. One active high enable and two active low enable pins are available, and any
enable pin can be deactivated to force all outputs high. All three enable pins must be active for the output to be
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com