Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC138ADR Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LVC138ADR
Description  SN74LVC138A 3-Line to 8-Line Decoders Demultiplexers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC138ADR Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC138ADR Datasheet HTML 1Page - Texas Instruments SN74LVC138ADR Datasheet HTML 2Page - Texas Instruments SN74LVC138ADR Datasheet HTML 3Page - Texas Instruments SN74LVC138ADR Datasheet HTML 4Page - Texas Instruments SN74LVC138ADR Datasheet HTML 5Page - Texas Instruments SN74LVC138ADR Datasheet HTML 6Page - Texas Instruments SN74LVC138ADR Datasheet HTML 7Page - Texas Instruments SN74LVC138ADR Datasheet HTML 8Page - Texas Instruments SN74LVC138ADR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
4
SN54LVC138A, SN74LVC138A
SCAS291W – MARCH 1993 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: SN54LVC138A SN74LVC138A
Submit Documentation Feedback
Copyright © 1993–2016, Texas Instruments Incorporated
Pin Functions
PIN
DESCRIPTION
NAME
SOIC, SSOP,
TVSOP, SO,
TSSOP,
VQFN, UQFN
LCCC
BGA
MICROSTAR
JUNIOR
I/O
A
1
2
A2
I
Select input A (least significant bit)
B
2
3
A1
I
Select input B
C
3
4
B1
I
Select input C (most significant bit)
G2A
4
5
C2
I
Active low enable A
G2B
5
7
C1
I
Active low enable B
G1
6
8
D1
I
Active high enable
GND
8
10
E1
—
Ground
NC
—
1, 11, 16
B2, B3, D2, D3
—
No internal connection
VCC
16
20
A3
—
Supply voltage
Y0
15
19
A4
O
Output 0 (least significant bit)
Y1
14
18
B4
O
Output 1
Y2
13
17
C4
O
Output 2
Y3
12
15
C3
O
Output 3
Y4
11
14
D4
O
Output 4
Y5
10
13
E4
O
Output 5
Y6
9
12
E3
O
Output 6
Y7
7
9
E2
O
Output 7 (most significant bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com