Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC138ADR Datasheet(PDF) 12 Page - Texas Instruments

Part # SN74LVC138ADR
Description  SN74LVC138A 3-Line to 8-Line Decoders Demultiplexers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC138ADR Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74LVC138ADR Datasheet HTML 8Page - Texas Instruments SN74LVC138ADR Datasheet HTML 9Page - Texas Instruments SN74LVC138ADR Datasheet HTML 10Page - Texas Instruments SN74LVC138ADR Datasheet HTML 11Page - Texas Instruments SN74LVC138ADR Datasheet HTML 12Page - Texas Instruments SN74LVC138ADR Datasheet HTML 13Page - Texas Instruments SN74LVC138ADR Datasheet HTML 14Page - Texas Instruments SN74LVC138ADR Datasheet HTML 15Page - Texas Instruments SN74LVC138ADR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
SN74HC595B
SN74LVC138A
0V
3.3V
3.3V
0V
SER
SRCLK
RCLK
GPIO Inputs
GPIO Inputs
A
B
C
HIGH
HIGH
HIGH
Y0
Y7
QA
QH
Copyright © 2016, Texas Instruments Incorporated
12
SN54LVC138A, SN74LVC138A
SCAS291W – MARCH 1993 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: SN54LVC138A SN74LVC138A
Submit Documentation Feedback
Copyright © 1993–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SN74LVC138A is useful as a scanning column selector for an LED Matrix display as it can be used for the
low-side drive of the LED string. The decoder functionality ensures that no more than one output is pulled to a
low-level logic voltage so that only a single column is enabled at any point in time.
9.2 Typical Application
Figure 3. LED Matrix Driver Application
9.2.1 Design Requirements
These devices use CMOS technology and have balanced output drive. Take care to avoid bus contention
because it can drive currents that would exceed maximum limits. The high drive also creates fast edges into light
loads, so routing and load conditions must be considered to prevent ringing.
9.2.2 Detailed Design Procedure
1. Recommended Input Conditions
–
For switch time specifications, see propagation delay times in Switching Characteristics—SN74LVC138A.
–
For input voltage level specifications for control inputs, see VIH and VIL in Recommended Operating
Conditions.
2. Recommended Output Conditions
–
Outputs must not be pulled above VCC or below GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com