Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC74APWR Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74LVC74APWR
Description  SNx4LVC74A Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC74APWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC74APWR Datasheet HTML 7Page - Texas Instruments SN74LVC74APWR Datasheet HTML 8Page - Texas Instruments SN74LVC74APWR Datasheet HTML 9Page - Texas Instruments SN74LVC74APWR Datasheet HTML 10Page - Texas Instruments SN74LVC74APWR Datasheet HTML 11Page - Texas Instruments SN74LVC74APWR Datasheet HTML 12Page - Texas Instruments SN74LVC74APWR Datasheet HTML 13Page - Texas Instruments SN74LVC74APWR Datasheet HTML 14Page - Texas Instruments SN74LVC74APWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
Table 7-1. Function Table (continued)
INPUTS
OUTPUTS
PRE
CLR
CLK
D
Q
Q
H
H
↑
L
L
H
H
H
L
X
Q0
Q 0
(1)
This configuration is nonstable; that is, it does not persist when
PRE or CLR returns to its inactive (high) level.
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
A common application for the SN74LVC74A is a frequency divider. By connecting the Q output to the D input, the
Q output toggles states on each positive edge of the incoming clock signal. Because it takes two positive edges,
or two clock pulses, to complete one complete pulse on the output (one pulse to toggle from low to high, another
to toggle from high to low), the incoming clock frequency is effectively divided by two.
8.2 Typical Application
SN74LVC74A
Clock Input
VCC
1CLK
Q
GND
Q
1D
3 V
Output
Copyright © 2016, Texas Instruments Incorporated
Figure 8-1. Frequency Divider
8.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Avoid bus contention because it can drive
currents in excess of maximum limits. The high drive also creates fast edges into light loads, so consider routing
and load conditions to prevent ringing.
8.2.2 Detailed Design Procedure
1. Recommended input conditions:
• For rise time and fall time specification, see (Δt/ΔV) in Recommended Operating Conditions.
• For specified high and low levels, see (VIH and VIL) in Recommended Operating Conditions.
• Inputs are overvoltage tolerant allowing them to go as high as (VI max) in Recommended Operating
Conditions at any valid VCC.
2. Recommended maximum output conditions:
www.ti.com
SN54LVC74A, SN74LVC74A
SCAS287W – JANUARY 1993 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: SN54LVC74A SN74LVC74A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com