Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC07APWR.B Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LVC07APWR.B
Description  SN74LVC07A Hex Buffer and Driver With Open-Drain Outputs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC07APWR.B Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC07APWR.B Datasheet HTML 1Page - Texas Instruments SN74LVC07APWR.B Datasheet HTML 2Page - Texas Instruments SN74LVC07APWR.B Datasheet HTML 3Page - Texas Instruments SN74LVC07APWR.B Datasheet HTML 4Page - Texas Instruments SN74LVC07APWR.B Datasheet HTML 5Page - Texas Instruments SN74LVC07APWR.B Datasheet HTML 6Page - Texas Instruments SN74LVC07APWR.B Datasheet HTML 7Page - Texas Instruments SN74LVC07APWR.B Datasheet HTML 8Page - Texas Instruments SN74LVC07APWR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4
SN74LVC07A
SCAS595W – OCTOBER 1997 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: SN74LVC07A
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D, DB, DGV, NS, PW Package
14-Pin SOIC, SSOP, TVSOP, SO, TSSOP
Top View
RGY Package
14-Pin VQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
1A
I
Input 1
2
1Y
O
Output 1
3
2A
I
Input 2
4
2Y
O
Output 2
5
3A
I
Input 3
6
3Y
O
Output 3
7
GND
—
Ground pin
8
4Y
O
Output 4
9
4A
I
Input 4
10
5Y
O
Output 5
11
5A
I
Input 5
12
6Y
O
Output 6
13
6A
I
Input 6
14
VCC
—
Power pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com