Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC07APWR.B Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC07APWR.B
Description  SN74LVC07A Hex Buffer and Driver With Open-Drain Outputs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC07APWR.B Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC07APWR.B Datasheet HTML 1Page - Texas Instruments SN74LVC07APWR.B Datasheet HTML 2Page - Texas Instruments SN74LVC07APWR.B Datasheet HTML 3Page - Texas Instruments SN74LVC07APWR.B Datasheet HTML 4Page - Texas Instruments SN74LVC07APWR.B Datasheet HTML 5Page - Texas Instruments SN74LVC07APWR.B Datasheet HTML 6Page - Texas Instruments SN74LVC07APWR.B Datasheet HTML 7Page - Texas Instruments SN74LVC07APWR.B Datasheet HTML 8Page - Texas Instruments SN74LVC07APWR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
A
Y
Copyright © 2016 Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74LVC07A
SCAS595W – OCTOBER 1997 – REVISED OCTOBER 2016
SN74LVC07A Hex Buffer and Driver With Open-Drain Outputs
1
1 Features
1
•
Operates From 1.65 V to 5 V
•
Inputs and Open-Drain Outputs Accept Voltages
Up to 5.5 V
•
Max tpd of 2.6 ns at 5 V
•
Latch-Up Performance Exceeds 250 mA
Per JESD 17
•
Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
2 Applications
•
AV Receiver
•
Audio Dock: Portable
•
Blu-ray Player and Home Theater
•
MP3 Player or Recorder
•
Personal Digital Assistant (PDA)
•
Power: Telecom/Server AC/DC Supply: Single
Controller: Analog and Digital
•
Solid State Drive (SSD): Client and Enterprise
•
TV: LCD, Digital, and High-Definition (HDTV)
•
Tablet: Enterprise
•
Video Analytics: Server
•
Wireless Headset, Keyboard, and Mouse
3 Description
The SN74LVC07A device is a hex buffer and driver
that is designed for 1.65-V to 5.5-V VCC operation.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LVC07AD
SOIC (14)
8.65 mm × 3.91 mm
SN74LVC07ADB
SSOP (14)
6.20 mm × 5.30 mm
SN74LVC07ADGV TVSOP (14)
3.60 mm × 4.40 mm
SN74LVC07APW
TSSOP (14)
5.00 mm × 4.40 mm
SN74LVC07ANS
SO (14)
10.30 mm × 5.30 mm
SN74LVC07ARGY VQFN (14)
3.50 mm × 3.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - SN74LVC07APWR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC07APWR TI-SN74LVC07APWR Datasheet
685Kb / 19P
HEX BUFFERS DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LVC07APWR TI-SN74LVC07APWR Datasheet
395Kb / 17P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LVC07APWR TI-SN74LVC07APWR Datasheet
733Kb / 21P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07APWR TI-SN74LVC07APWR Datasheet
841Kb / 23P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07APWR TI1-SN74LVC07APWR Datasheet
1Mb / 30P
Hex Buffer/Driver With Open-Drain Outputs
More results

Similar Description - SN74LVC07APWR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A-Q1 TI-SN74LVC07A-Q1 Datasheet
143Kb / 9P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A-EP TI-SN74LVC07A-EP Datasheet
308Kb / 12P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A TI-SN74LVC07A_10 Datasheet
733Kb / 21P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A_101 TI-SN74LVC07A_101 Datasheet
841Kb / 23P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC06A-EP TI1-SN74LVC06A-EP Datasheet
287Kb / 9P
HEX INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC06A-Q1 TI1-SN74LVC06A-Q1 Datasheet
210Kb / 10P
HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A TI1-SN74LVC07A_15 Datasheet
1Mb / 30P
Hex Buffer/Driver With Open-Drain Outputs
SN74LVC07A-Q1 TI1-SN74LVC07A-Q1_15 Datasheet
744Kb / 15P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74LVC07A-Q100 NEXPERIA-74LVC07A-Q100 Datasheet
227Kb / 13P
Hex buffer with open-drain outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com