Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G126DBVT Datasheet(PDF) 26 Page - Texas Instruments

Part # SN74LVC1G126DBVT
Description  SN74LVC1G126 Single Bus Buffer Gate With 3-State Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G126DBVT Datasheet(HTML) 26 Page - Texas Instruments

Back Button SN74LVC1G126DBVT Datasheet HTML 22Page - Texas Instruments SN74LVC1G126DBVT Datasheet HTML 23Page - Texas Instruments SN74LVC1G126DBVT Datasheet HTML 24Page - Texas Instruments SN74LVC1G126DBVT Datasheet HTML 25Page - Texas Instruments SN74LVC1G126DBVT Datasheet HTML 26Page - Texas Instruments SN74LVC1G126DBVT Datasheet HTML 27Page - Texas Instruments SN74LVC1G126DBVT Datasheet HTML 28Page - Texas Instruments SN74LVC1G126DBVT Datasheet HTML 29Page - Texas Instruments SN74LVC1G126DBVT Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MIN
ALL AROUND
0.05 MAX
ALL AROUND
6X (0.3)
6X (0.2)
4X (0.5)
(0.6)
(R
) TYP
0.05
4222207/B 02/2016
USON - 0.55 mm max height
DRY0006B
PLASTIC SMALL OUTLINE - NO LEAD
SYMM
1
3
4
6
SYMM
LAND PATTERN EXAMPLE
1:1 RATIO WITH PKG SOLDER PADS
SCALE:40X
NOTES: (continued)
3. For more information, see QFN/SON PCB application report in literature No. SLUA271 (www.ti.com/lit/slua271).
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
(PREFERRED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com