Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G126DBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC1G126DBVT
Description  SN74LVC1G126 Single Bus Buffer Gate With 3-State Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G126DBVT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G126DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G126DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G126DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G126DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G126DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G126DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G126DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G126DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G126DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
A
Y
OE
1
2
4
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC1G126
SCES224R – APRIL 1999 – REVISED JANUARY 2015
SN74LVC1G126 Single Bus Buffer Gate With 3-State Output
1 Features
2 Applications
1
•
Available in the Texas Instruments
•
Cable Modem Termination Systems
NanoFree™ Package
•
High-Speed Data Acquisition and Generation
•
Supports 5-V VCC Operation
•
Military: Radars and Sonars
•
Inputs Accept Voltages to 5.5 V
•
Motor Controls: High-Voltage
•
Provides Down Translation to VCC
•
Power Line Communication Modems
•
Max tpd of 3.7 ns at 3.3 V
•
SSDs: Internal or External
•
Low Power Consumption, 10-
μA Max ICC
•
Video Broadcasting and Infrastructure: Scalable
•
±24-mA Output Drive at 3.3 V
Platforms
•
Ioff Supports Live Insertion, Partial-Power-Down
•
Video Broadcasting: IP-Based Multi-Format
Mode, and Back Drive Protection
Transcoders
•
Latch-Up Performance Exceeds 100 mA
•
Video Communication Systems
Per JESD 78, Class II
3 Description
•
ESD Protection Exceeds JESD 22
This single buffer is designed for 1.65-V to 3.6-V VCC
–
2000-V Human-Body Model
operation. The LVC1G126 device is a single line
–
200-V Machine Model
driver with 3-state output. The output is disabled
–
1000-V Charged-Device Model
when the output-enable input is low.
Device Information(1)
PART NUMBER
PACKAGE (PIN)
BODY SIZE
SOT-23 (5)
2.90 mm × 1.60 mm
SC70 (5)
2.00 mm × 1.25 mm
SN74LVC1G126
SOT (5)
1.60 mm × 1.20 mm
SON (6)
1.00 mm × 1.00 mm
XBGA (5)
1.40 mm × 0.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC1G126DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G126DBVT TI-SN74LVC1G126DBVT Datasheet
470Kb / 18P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126DBVT TI1-SN74LVC1G126DBVT Datasheet
1Mb / 30P
Single Bus Buffer Gate With 3-State Output
More results

Similar Description - SN74LVC1G126DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
158Kb / 1P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125_101 TI-SN74LVC1G125_101 Datasheet
738Kb / 19P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVC1G126-Q1 TI-SN74LVC1G126-Q1_08 Datasheet
762Kb / 12P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
1P1G126QDBVRQ1 TI1-1P1G126QDBVRQ1 Datasheet
718Kb / 12P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126 TI1-SN74LVC1G126_16 Datasheet
1Mb / 30P
Single Bus Buffer Gate With 3-State Output
SN74LVC1G126-Q1 TI1-SN74LVC1G126-Q1_V01 Datasheet
1Mb / 22P
SN74LVC1G126-Q1 Single Bus Buffer Gate With 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com