Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G175DBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC1G175DBVT
Description  SN74LVC1G175 Single D-Type Flip-Flop With Asynchronous Clear
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G175DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC1G175DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
SN74LVC1G175
SCES560G – MARCH 2004 – REVISED JUNE 2015
www.ti.com
6.6 Timing Requirements, –40°C to 85°C
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
–40°C to 85°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
UNIT
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
100
125
150
175
MHz
CLR
Low
5.6
3
2.8
2.5
tw
Pulse duration
ns
CLK
High or low
3.5
3
2.8
2.5
Data
3
2.5
2
1.5
tsu
Setup time, before CLK
↑
ns
CLR inactive
0
0
0.5
0.5
th
Hold time, data after CLK
↑
0
0
0.5
0.5
ns
6.7 Timing Requirements, –40°C to 125°C
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
–40°C to 125°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
UNIT
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
100
125
150
175
MHz
CLR
Low
5.6
3
2.8
2.5
tw
Pulse duration
ns
CLK
High or low
3.5
3
2.8
2.5
Data
3
2.5
2
1.5
tsu
Setup time, before CLK
↑
ns
CLR inactive
0.5
0.5
0.7
0.7
th
Hold time, data after CLK
↑
0.5
0.5
0.7
0.7
ns
6.8 Switching Characteristics, –40°C to 85°C
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 2)
–40°C to 85°C
FROM
TO
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fmax
100
125
150
175
MHz
CLK
2.5
12.9
2
6.5
1.4
4.6
1
3
tpd
Q
ns
CLR
2.5
12.4
2
6
1.2
4.3
1
3.2
6.9 Switching Characteristics, –40°C to 85°C
over recommended operating free-air temperature range, CL = 30 pF or 50 pF (unless otherwise noted) (see Figure 3)
–40°C to 85°C
FROM
TO
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fmax
100
125
150
175
MHz
CLK
2.7
13.4
2.2
7.1
1.6
5.7
1.5
4
tpd
Q
ns
CLR
2.7
12.9
2.2
7
1.5
5.8
1.3
4.1
6
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com