Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G175DBVT Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74LVC1G175DBVT
Description  SN74LVC1G175 Single D-Type Flip-Flop With Asynchronous Clear
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G175DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC1G175DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 10Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 11Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 12Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 13Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Q
1
6
C1
D
CLR
CLK
D
R
3
4
SN74LVC1G175
SCES560G – MARCH 2004 – REVISED JUNE 2015
www.ti.com
8 Detailed Description
8.1 Overview
This single D-type flip-flop is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G175 device has an asynchronous clear (CLR) input. When CLR is high, data from the input pin
(D) is transferred to the output pin (Q) on the clock's (CLK) rising edge. When CLR is low, Q is forced into the
low state, regardless of the clock edge or data on D.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
8.2 Functional Block Diagram
8.3 Feature Description
The SN74LVC1G175 device has a wide operating VCC range of 1.65 V to 5.5 V, which allows it to be used in a
broad range of systems. The 5.5-V I/Os allow down translation and also allow voltages at the inputs when
VCC = 0.
8.4 Device Functional Modes
Table 1 lists the functional modes for SN74LVC1G175.
Table 1. Function Table
INPUTS
OUTPUT
Q
CLR
CLK
D
H
↑
L
L
H
↑
H
H
H
H or L
X
Q0
L
X
X
L
10
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com