Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G240DBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74LVC1G240DBVT
Description  Single Buffer/Driver With 3-State Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G240DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC1G240DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1G240DBVT Datasheet HTML 10Page - Texas Instruments SN74LVC1G240DBVT Datasheet HTML 11Page - Texas Instruments SN74LVC1G240DBVT Datasheet HTML 12Page - Texas Instruments SN74LVC1G240DBVT Datasheet HTML 13Page - Texas Instruments SN74LVC1G240DBVT Datasheet HTML 14Page - Texas Instruments SN74LVC1G240DBVT Datasheet HTML 15Page - Texas Instruments SN74LVC1G240DBVT Datasheet HTML 16Page - Texas Instruments SN74LVC1G240DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
1-Nov-2025
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
74LVC1G240DBVRG4
SOT-23
DBV
5
3000
180.0
180.0
18.0
74LVC1G240DBVTG4
SOT-23
DBV
5
250
180.0
180.0
18.0
74LVC1G240DCKRG4
SC70
DCK
5
3000
180.0
180.0
18.0
74LVC1G240DCKTG4
SC70
DCK
5
250
180.0
180.0
18.0
SN74LVC1G240DBVR
SOT-23
DBV
5
3000
208.0
191.0
35.0
SN74LVC1G240DBVT
SOT-23
DBV
5
250
210.0
185.0
35.0
SN74LVC1G240DCKR
SC70
DCK
5
3000
210.0
185.0
35.0
SN74LVC1G240DCKR
SC70
DCK
5
3000
208.0
191.0
35.0
SN74LVC1G240DCKT
SC70
DCK
5
250
180.0
180.0
18.0
SN74LVC1G240DCKT
SC70
DCK
5
250
180.0
180.0
18.0
SN74LVC1G240DCKT
SC70
DCK
5
250
202.0
201.0
28.0
SN74LVC1G240DRYR
SON
DRY
6
5000
184.0
184.0
19.0
SN74LVC1G240DRYRG4
SON
DRY
6
5000
184.0
184.0
19.0
SN74LVC1G240DSFR
SON
DSF
6
5000
184.0
184.0
19.0
SN74LVC1G240DSFRG4
SON
DSF
6
5000
184.0
184.0
19.0
SN74LVC1G240YZPR
DSBGA
YZP
5
3000
220.0
220.0
35.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com