Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G240DBVT Datasheet(PDF) 21 Page - Texas Instruments

Part # SN74LVC1G240DBVT
Description  Single Buffer/Driver With 3-State Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G240DBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN74LVC1G240DBVT Datasheet HTML 17Page - Texas Instruments SN74LVC1G240DBVT Datasheet HTML 18Page - Texas Instruments SN74LVC1G240DBVT Datasheet HTML 19Page - Texas Instruments SN74LVC1G240DBVT Datasheet HTML 20Page - Texas Instruments SN74LVC1G240DBVT Datasheet HTML 21Page - Texas Instruments SN74LVC1G240DBVT Datasheet HTML 22Page - Texas Instruments SN74LVC1G240DBVT Datasheet HTML 23Page - Texas Instruments SN74LVC1G240DBVT Datasheet HTML 24Page - Texas Instruments SN74LVC1G240DBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
www.ti.com
PACKAGE OUTLINE
C
6X
0.22
0.12
6X
0.45
0.35
2X
0.7
4X
0.35
0.4 MAX
0.05
0.00
B
1.05
0.95
A
1.05
0.95
(0.11) TYP
(0.1)
PIN 1 ID
4220597/B 06/2022
X2SON - 0.4 mm max height
DSF0006A
PLASTIC SMALL OUTLINE - NO LEAD
PIN 1 INDEX AREA
SEATING PLANE
0.05 C
1
3
4
6
0.07
C B A
0.05
C
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Reference JEDEC registration MO-287, variation X2AAF.
SCALE 10.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com