Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75DP130SSRGZRG4 Datasheet(PDF) 21 Page - Texas Instruments

Part # SN75DP130SSRGZRG4
Description  SN75DP130 DisplayPort™ 1:1 Redriver With Link Training
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN75DP130SSRGZRG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN75DP130SSRGZRG4 Datasheet HTML 17Page - Texas Instruments SN75DP130SSRGZRG4 Datasheet HTML 18Page - Texas Instruments SN75DP130SSRGZRG4 Datasheet HTML 19Page - Texas Instruments SN75DP130SSRGZRG4 Datasheet HTML 20Page - Texas Instruments SN75DP130SSRGZRG4 Datasheet HTML 21Page - Texas Instruments SN75DP130SSRGZRG4 Datasheet HTML 22Page - Texas Instruments SN75DP130SSRGZRG4 Datasheet HTML 23Page - Texas Instruments SN75DP130SSRGZRG4 Datasheet HTML 24Page - Texas Instruments SN75DP130SSRGZRG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
SN75DP130
www.ti.com
SLLSE57E – APRIL 2011 – REVISED MARCH 2015
9.3.5 Link Training and DPCD
The SN75DP130 monitors the auxiliary interface access to DisplayPort Configuration Data (DPCD) registers
during Link Training in DP mode to select the output voltage swing VOD, output pre-emphasis, and the EQ setting
of the Main Link. The AUX monitor for SN75DP130 supports Link Training in 1Mbps Manchester mode, and is
disabled during TMDS mode (CAD_SNK=VIH).
The AUX channel is further monitored for the DisplayPort D3 standby command.
The DPCD registers monitored by SN75DP130 are listed in Figure 17. Bit fields not listed are reserved and
values written to reserved fields are ignored.
Figure 17. DPCD Registers Used by the SN75DP130 AUX Monitor
7
6
5
4
3
2
1
0
x
x
x
x
x
x
x
x
R/W
RW
RW
RW
RW
RW
RW
RW
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 4. DPCD Registers Used by the SN75DP130 AUX Monitor
Address
Field
Type
Description
Bits 7:0 = Link Bandwidth Setting
Write Values:
06h – 1.62 Gbps per lane
0Ah – 2.7 Gbps per lane (default)
14h – 5.4 Gbps per lane
00100h
LINK_BW_SET
RW
Note: any other value is reserved; the SN75DP130 will revert to 5.4 Gbps
operation when any other value is written
Read Values:
00h – 1.62 Gbps per lane
01h – 2.7 Gbps per lane (default)
02h – 5.4 Gbps per lane
Bits 4:0 = Lane Count
Write Values:
00h – All lanes disabled (default)
01h – One lane enabled
02h – Two lanes enabled
04h – Four lanes enabled
00101h
LANE_COUNT_SET
RW
Note: any other value is invalid and disables all Main Link output lanes
Read Values:
00h – All lanes disabled (default)
01h – One lane enabled
03h – Two lanes enabled
0Fh – Four lanes enabled
Write Values:
Bits 1:0 = Output Voltage VOD Level
00 – Voltage swing level 0 (default)
01 – Voltage swing level 1
10 – Voltage swing level 2
11 – Voltage swing level 3
Bits 4:3 = Pre-emphasis Level
00 – Pre-emphasis level 0 (default)
01 – Pre-emphasis level 1
10 – Pre-emphasis level 2
11 – Pre-emphasis level 3
Note: the following combinations are not allowed for bits [1:0]/[4:3]: 01/11, 10/10,
00103h
TRAINING_LANE0_SET
RW
10/11, 11/01, 11/10, 11/11; setting to any of these invalid combinations disables
all Main Link lanes until the register value is changed back to a valid entry
Read Values:
Bits 1:0 = Output Voltage VOD Level
00 – Voltage swing level 0 (default)
01 – Voltage swing level 1
10 – Voltage swing level 2
11 – Voltage swing level 3
Bits 3:2 = Pre-emphasis Level
00 – Pre-emphasis level 0 (default)
01 – Pre-emphasis level 1
10 – Pre-emphasis level 2
11 – Pre-emphasis level 3
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: SN75DP130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com