Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75DP130SSRGZRG4 Datasheet(PDF) 32 Page - Texas Instruments

Part # SN75DP130SSRGZRG4
Description  SN75DP130 DisplayPort™ 1:1 Redriver With Link Training
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN75DP130SSRGZRG4 Datasheet(HTML) 32 Page - Texas Instruments

Back Button SN75DP130SSRGZRG4 Datasheet HTML 28Page - Texas Instruments SN75DP130SSRGZRG4 Datasheet HTML 29Page - Texas Instruments SN75DP130SSRGZRG4 Datasheet HTML 30Page - Texas Instruments SN75DP130SSRGZRG4 Datasheet HTML 31Page - Texas Instruments SN75DP130SSRGZRG4 Datasheet HTML 32Page - Texas Instruments SN75DP130SSRGZRG4 Datasheet HTML 33Page - Texas Instruments SN75DP130SSRGZRG4 Datasheet HTML 34Page - Texas Instruments SN75DP130SSRGZRG4 Datasheet HTML 35Page - Texas Instruments SN75DP130SSRGZRG4 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
SN75DP130
SLLSE57E – APRIL 2011 – REVISED MARCH 2015
www.ti.com
space
Table 23. Offset = 1Ch
Bit
Field
Type
Description
This value maps to bits 19:16 of the 20-bit DPCD register address
3:0
DPCD_ADDR_HIGH
RW
accessed through the DPCD_DATA register.
space
Table 24. Offset = 1DH
Bit
Field
Type
Description
This value maps to bits 15:8 of the 20-bit DPCD register address
7:0
DPCD_ADDR_MID
RW
accessed through the DPCD_DATA register.
space
Table 25. Offset = 1Eh
Bit
Field
Type
Description
This value maps to bits 7:0 of the 20-bit DPCD register address
7:0
DPCD_ADDR_LOW
RW
accessed through the DPCD_DATA register.
space
Table 26. Offset = 1Fh
Bit
Field
Type
Description
This register contains the data to write into or read from the DPCD
7:0
DPCD_DATA
RW
register addressed by DPCD_ADDR_HIGH, DPCD_ADDR_MID, and
DPCD_ADDR_LOW.
space
Table 27. Offset = 20h
Bit
Field
Type
Description
This field identifies the device and revision.
7:1
DEV_ID_REV.
RO
0000000 – SN75DP130 Revision 0
The value read from this field is the inverse of that written.
0
BIT_INVERT
R/W
Default read value is zero.
space
Table 28. Offset = 21h
Bit
Field
Type
Description
7:0
TI_TEST
R/W
These registers shall not be modified.
space
Table 29. Offset = 22h – 27h
Bit
Field
Type
Description
7:0
TI_TEST_RESERVED
RO
These read only registers are reserved for test; writes are ignored.
32
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: SN75DP130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com