Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS844071 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS844071
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS844071 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS844071 Datasheet HTML 1Page - Integrated Device Technology ICS844071 Datasheet HTML 2Page - Integrated Device Technology ICS844071 Datasheet HTML 3Page - Integrated Device Technology ICS844071 Datasheet HTML 4Page - Integrated Device Technology ICS844071 Datasheet HTML 5Page - Integrated Device Technology ICS844071 Datasheet HTML 6Page - Integrated Device Technology ICS844071 Datasheet HTML 7Page - Integrated Device Technology ICS844071 Datasheet HTML 8Page - Integrated Device Technology ICS844071 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ICS844071
FEMTOCLOCK™CRYSTAL-TO-LVDS CLOCK GENERATOR
IDT™ / ICS™ LVDS CLOCK GENERATOR
3
ICS844071AG SEPTEMBER 26, 2007
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characterisitcs is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 3A. Power Supply DC Characteristics, VDD = 3.3V ± 10%, TA = 0°C to 70°C
Table 3B. Power Supply DC Characteristics, VDD = 2.5V ± 5%, TA = 0°C to 70°C
Table 3C. LVCMOS/LVTTL DC Characteristics, VDD = 3.3V ± 10% or 2.5V ± 5%, TA = 0°C to 70°C
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
-0.5V to VDD + 0.5V
Outputs, IO
Continous Current
Surge Current
10mA
15mA
Package Thermal Impedance,
θ
JA
101.7
°C/W (0 mps)
Storage Temperature, TSTG
-65
°C to 150°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Core Supply Voltage
2.97
3.3
3.63
V
VDDA
Analog Supply Voltage
VDD – 0.12
3.3
3.63
V
IDD
Power Supply Current
135
mA
IDDA
Power Supply Current
12
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Core Supply Voltage
2.375
2.5
2.625
V
VDDA
Analog Supply Voltage
VDD – 0.12
2.5
2.625
V
IDD
Power Supply Current
120
mA
IDDA
Power Supply Current
12
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
VDD = 3.3V
2
VDD + 0.3
V
VDD = 2.5V
1.7
VDD + 0.3
V
VIL
Input Low Voltage
VDD = 3.3V
-0.3
0.8
V
VDD = 2.5V
-0.3
0.7
V
IIH
Input High Current
VDD = VIN = 3.63V or 2.625V
5
µA
IIL
Input Low Current
VDD = 3.63V or 2.625V, VIN = 0V
-150
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com