Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS844071 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS844071
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS844071 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS844071 Datasheet HTML 1Page - Integrated Device Technology ICS844071 Datasheet HTML 2Page - Integrated Device Technology ICS844071 Datasheet HTML 3Page - Integrated Device Technology ICS844071 Datasheet HTML 4Page - Integrated Device Technology ICS844071 Datasheet HTML 5Page - Integrated Device Technology ICS844071 Datasheet HTML 6Page - Integrated Device Technology ICS844071 Datasheet HTML 7Page - Integrated Device Technology ICS844071 Datasheet HTML 8Page - Integrated Device Technology ICS844071 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ICS844071
FEMTOCLOCK™CRYSTAL-TO-LVDS CLOCK GENERATOR
IDT™ / ICS™ LVDS CLOCK GENERATOR
4
ICS844071AG SEPTEMBER 26, 2007
Table 3D. LVDS DC Characteristics, VDD = 3.3V ± 10%, TA = 0°C to 70°C
Table 3E. LVDS DC Characteristics, VDD = 2.5V ± 5%, TA = 0°C to 70°C
Table 4. Crystal Characteristics
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
275
365
455
mV
∆V
OD
VOD Magnitude Change
50
mV
VOS
Offset Voltage
1.125
1.3
1.55
V
∆V
OS
VOS Magnitude Change
50
mV
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
205
335
465
mV
∆V
OD
VOD Magnitude Change
50
mV
VOS
Offset Voltage
0.89
1.2
1.48
V
∆V
OS
VOS Magnitude Change
50
mV
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
20.833
28.3
MHz
Equivalent Series Resistance (ESR)
50
Ω
Shunt Capacitance
7pF
Drive Level
1mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com