Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC2H12-Y Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPSC2H12-Y
Description  Automotive 1200 V, 2 A power Schottky silicon carbide diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC2H12-Y Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STPSC2H12-Y Datasheet HTML 2Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 3Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 4Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 5Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 6Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 7Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 8Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 9Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Table 5. DPAK HV 2L package mechanical data
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.20
2.29
2.40
0.086
0.090
0.095
A1
0.90
1.10
0.035
0.044
A2
0.03
0.23
0.001
0.010
b
0.64
0.76
0.90
0.025
0.030
0.036
b4
5.20
5.10
5.40
0.204
0.201
0.213
c
0.45
0.60
0.017
0.024
c2
0.48
0.60
0.018
0.024
D
6.00
6.20
0.236
0.245
D1
4.60
4.70
4.80
0.181
0.185
0.189
E
6.40
6.60
0.251
0.260
E1
4.95
5.10
5.25
0.194
0.201
0.207
e
2.16
2.28
2.40
0.085
0.090
0.095
e1
4.40
4.60
0.173
0.182
H
9.35
10.10
0.368
0.398
L
1.00
1.50
0.039
0.060
L1
2.60
2.80
3.00
0.102
0.110
0.119
L2
0.65
0.80
0.95
0.025
0.031
0.038
V2
0°
8°
0°
8°
Figure 10. Footprint (dimensions in mm)
Note:
For package and tape orientation, reel and inner box dimensions and tape outline please check TN1173.
STPSC2H12-Y
DPAK HV 2L package information
DS13118 - Rev 2
page 6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com