Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC2H12-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC2H12-Y
Description  Automotive 1200 V, 2 A power Schottky silicon carbide diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC2H12-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC2H12-Y Datasheet HTML 1Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 2Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 3Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 4Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 5Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 6Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 7Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 8Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Product label
Features
•
AEC-Q101 qualified
•
PPAP capable
•
No or negligible reverse recovery
•
High forward surge capability
•
Operating Tj from -40 °C to 175 °C
•
Creepage distance of 3 mm as per IEC 60664-1
•
ECOPACK2 compliant component
Applications
•
Bootstrap function of SiC MOS-FETS
•
Snubber diode
•
Switching diode
Description
The SiC diode is an ultra
-high performance power Schottky diode. It is manufactured
using a silicon carbide substrate. The wide band gap material allows the design of
a Schottky diode structure with a 1200 V rating. Due to the Schottky construction,
no recovery is shown at turn-off and ringing patterns are negligible. The minimal
capacitive turn-off behavior is independent of temperature.
Especially suited for use in boot strap, snubber circuits, or clamping functions of SiC
MOS-FETs, the STPSC2H12-Y diode will help designers getting the best possible
performance of their controlled switches in all conditions. This rectifier will enhance
the performance of the targeted application.
Its improved creepage distance ensures the compatibility with industrial and
automotive creepage standards.
Product status link
STPSC2H12-Y
Product summary
IF(AV)
2 A
VRRM
1200 V
Tj (max.)
175 °C
VF (typ.)
1.35 V
Automotive 1200 V, 2 A power Schottky silicon carbide diode
STPSC2H12-Y
Datasheet
DS13118 - Rev 2 - September 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPSC2H12-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC2H12-Y STMICROELECTRONICS-STPSC2H12-Y Datasheet
259Kb / 10P
Automotive 1200 V, 2 A power Schottky silicon carbide diode
19-Sep-2019
More results

Similar Description - STPSC2H12-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H12-Y STMICROELECTRONICS-STPSC10H12-Y Datasheet
534Kb / 10P
Automotive grade 1200 V power Schottky silicon carbide diode
23-Jan-2017
STPSC10H12B2-TR STMICROELECTRONICS-STPSC10H12B2-TR Datasheet
224Kb / 11P
1200 V, 10 A, silicon carbide power Schottky diode
31-Aug-2020
STPSC10H12G2-TR STMICROELECTRONICS-STPSC10H12G2-TR Datasheet
375Kb / 11P
1200 V, 10 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC10H12G2Y-TR STMICROELECTRONICS-STPSC10H12G2Y-TR Datasheet
378Kb / 11P
Automotive 1200 V, 10 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2-TR STMICROELECTRONICS-STPSC15H12G2-TR Datasheet
375Kb / 11P
1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2Y-TR STMICROELECTRONICS-STPSC15H12G2Y-TR Datasheet
379Kb / 11P
Automotive 1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - September 2020
STPSC20H12G2-TR STMICROELECTRONICS-STPSC20H12G2-TR Datasheet
374Kb / 11P
1200 V, 20 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC40H12C-Y STMICROELECTRONICS-STPSC40H12C-Y Datasheet
257Kb / 10P
40 A 1200 V power Schottky silicon carbide diode
Rev 1 - January 2021
STPSC20H12CWY STMICROELECTRONICS-STPSC20H12CWY Datasheet
257Kb / 10P
20 A 1200 V power Schottky silicon carbide diode
24-Feb-2021
STPSC31H12C-Y STMICROELECTRONICS-STPSC31H12C-Y Datasheet
216Kb / 9P
2 X 15 A, 1200 V power Schottky silicon carbide diode
24-Feb-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com