Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853017 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS853017
Description  QUAD, 1-TO-1, DIFFERENTIAL-TO-2.5V, 3.3V, 5V LVPECL RECEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853017 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS853017 Datasheet HTML 7Page - Integrated Device Technology ICS853017 Datasheet HTML 8Page - Integrated Device Technology ICS853017 Datasheet HTML 9Page - Integrated Device Technology ICS853017 Datasheet HTML 10Page - Integrated Device Technology ICS853017 Datasheet HTML 11Page - Integrated Device Technology ICS853017 Datasheet HTML 12Page - Integrated Device Technology ICS853017 Datasheet HTML 13Page - Integrated Device Technology ICS853017 Datasheet HTML 14Page - Integrated Device Technology ICS853017 Datasheet HTML 15Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
IDT™ / ICS™ 2.5V, 3.3V, 5V LVPECL/ECL RECEIVER
11
ICS853017AM REV. B OCTOBER 24, 2007
ICS853017
QUAD, 1-TO-1, DIFFERENTIAL-TO-2.5V, 3.3V, 5V LVPECL/ECL RECEIVER
PRELIMINARY
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS853017.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS853017 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
CC
= 5.5V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
• Power (core)
MAX
= V
CC_MAX
* I
EE_MAX
= 5.5V * 46mA = 253mW
• Power (outputs)
MAX
= 30.94mW/Loaded Output pair
If all outputs are loaded, the total power is 4 * 30.94mW = 123.76mW
Total Power
_MAX
(5.5V, with all outputs switching) = 123.76mW + 253mW = 376.76mW
2.
Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the
device. The maximum recommended junction temperature for HiPerClockS
TM devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming no air
flow and a multi-layer board, the appropriate value is 46.2°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.377W * 46.2°C/W = 102.4°C. This is well below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow,
and the type of board (single layer or multi-layer).
θθθθθ
JA
by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
83.2°C/W
65.7°C/W
57.5°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
46.2°C/W
39.7°C/W
36.8°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
TABLE 6. THERMAL RESISTANCE
θθθθθ
JA
FOR
20-PIN SOIC, FORCED CONVECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com