Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853017 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS853017
Description  QUAD, 1-TO-1, DIFFERENTIAL-TO-2.5V, 3.3V, 5V LVPECL RECEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853017 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS853017 Datasheet HTML 7Page - Integrated Device Technology ICS853017 Datasheet HTML 8Page - Integrated Device Technology ICS853017 Datasheet HTML 9Page - Integrated Device Technology ICS853017 Datasheet HTML 10Page - Integrated Device Technology ICS853017 Datasheet HTML 11Page - Integrated Device Technology ICS853017 Datasheet HTML 12Page - Integrated Device Technology ICS853017 Datasheet HTML 13Page - Integrated Device Technology ICS853017 Datasheet HTML 14Page - Integrated Device Technology ICS853017 Datasheet HTML 15Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
IDT™ / ICS™ 2.5V, 3.3V, 5V LVPECL/ECL RECEIVER
12
ICS853017AM REV. B OCTOBER 24, 2007
ICS853017
QUAD, 1-TO-1, DIFFERENTIAL-TO-2.5V, 3.3V, 5V LVPECL/ECL RECEIVER
PRELIMINARY
3. Calculations and Equations.
LVPECL output driver circuit and termination are shown in Figure 6.
To calculate worst case power dissipation into the load, use the following equations which assume a 50
Ω load, and a
termination voltage of V
CC
- 2V.
•
For logic high, V
OUT
= V
OH_MAX
= V
CC_MAX
– 0.935V
(V
CC_MAX
- V
OH_MAX
) = 0.935V
•
For logic low, V
OUT
= V
OL_MAX
= V
CC_MAX
– 1.67V
(V
CC_MAX
- V
OL_MAX
) = 1.67V
Pd_H = [(V
OH_MAX
– (V
CC_MAX
- 2V))/R
L
] * (V
CC_MAX
- V
OH_MAX
) = [(2V - (V
CC_MAX
- V
OH_MAX
))/R
L
] * (V
CC _MAX
- V
OH_MAX
) =
[(2V - 0.935V)/50
Ω] * 0.935V = 19.92mW
Pd_L = [(V
OL_MAX
– (V
CC_MAX
- 2V))/R
L
] * (V
CC_MAX
- V
OL_MAX
) = [(2V - (V
CC_MAX
- V
OL_MAX
))/R
L
] * (V
CC_MAX
- V
OL_MAX
) =
[(2V - 1.67V)/50
Ω] * 1.67V = 11.02mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 30.94mW
FIGURE 6. LVPECL Driver Circuit and Termination
VOUT
Q1
VCC - 2V
RL
50
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com