Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCT2075GV/N005 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCT2075GV/N005
Description  I2C-bus Fm, 1 C accuracy, digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2075GV/N005 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCT2075GV/N005 Datasheet HTML 1Page - NXP Semiconductors PCT2075GV/N005 Datasheet HTML 2Page - NXP Semiconductors PCT2075GV/N005 Datasheet HTML 3Page - NXP Semiconductors PCT2075GV/N005 Datasheet HTML 4Page - NXP Semiconductors PCT2075GV/N005 Datasheet HTML 5Page - NXP Semiconductors PCT2075GV/N005 Datasheet HTML 6Page - NXP Semiconductors PCT2075GV/N005 Datasheet HTML 7Page - NXP Semiconductors PCT2075GV/N005 Datasheet HTML 8Page - NXP Semiconductors PCT2075GV/N005 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
PCT2075
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2017. All rights reserved.
Product data sheet
Rev. 10 — 20 November 2017
2 of 37
NXP Semiconductors
PCT2075
I2C-bus Fm+ digital temperature sensor and thermal watchdog
2.
Features and benefits
 Pin-for-pin replacement for LM75 series but allows up to 27 devices on the bus
 Power supply range from 2.7 V to 5.5 V
 Temperatures range from
55 C to +125 C
 Frequency range 20 kHz to 1 MHz with SMBus time-out to prevent hanging up the bus
 1 MHz Fast-mode Plus 30 mA SDA drive allows more devices on the same bus but is
backward compatible to Fast-mode and Standard-mode
 11-bit ADC that offers a temperature resolution of 0.125
C
 Temperature accuracy of:
1 C (max.) from 25 C to +100 C
2 C (max.) from 55 C to +125 C
 Programmable temperature threshold and hysteresis set points during operation
 Supply current of <1.0
A in shut-down mode for power conservation
 Stand-alone operation as thermostat at power-up
 ESD protection exceeds 2000 V HBM per JESD22-A114 and 1000 V CDM per
JESD22-C101
 Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
 Small 8-pin package types: SO8, TSSOP8 and 2 mm
 3mmHWSON8
 Small 6-pin package type: TSOP6
3.
Applications
 System thermal management
 Personal computers
 Electronics equipment
 Industrial controllers
 Cooling system: turn on when the temperature is higher (hotter) than -5
C; turn off
when the temperature is below -10
C
Fig 1.
Cooling system using custom part PCT2075GV/N005
aaa-027129
-5°C Tots
OS reset
OS active
AC off
-10°C Thys
AC on
AC off
reading temperature limits
AC on
OS output in comparator mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com