Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCT2075GV/N005 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCT2075GV/N005
Description  I2C-bus Fm, 1 C accuracy, digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2075GV/N005 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCT2075GV/N005 Datasheet HTML 20Page - NXP Semiconductors PCT2075GV/N005 Datasheet HTML 21Page - NXP Semiconductors PCT2075GV/N005 Datasheet HTML 22Page - NXP Semiconductors PCT2075GV/N005 Datasheet HTML 23Page - NXP Semiconductors PCT2075GV/N005 Datasheet HTML 24Page - NXP Semiconductors PCT2075GV/N005 Datasheet HTML 25Page - NXP Semiconductors PCT2075GV/N005 Datasheet HTML 26Page - NXP Semiconductors PCT2075GV/N005 Datasheet HTML 27Page - NXP Semiconductors PCT2075GV/N005 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
PCT2075
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2017. All rights reserved.
Product data sheet
Rev. 10 — 20 November 2017
24 of 37
NXP Semiconductors
PCT2075
I2C-bus Fm+ digital temperature sensor and thermal watchdog
12. Dynamic characteristics
[1]
These specifications are guaranteed by design and not tested in production.
[2]
This is the SDA time LOW for reset of serial interface.
[3]
Holding the SDA line LOW for a time greater than tto causes the device to reset SDA to the idle state of the serial bus communication
(SDA set HIGH).
Table 21.
I2C-bus interface dynamic characteristics[1]
VCC = 2.7 V to 5.5 V; Tamb = 55 C to +125 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCL
SCL clock frequency
see Figure 27
20
-
1000
kHz
tHIGH
HIGH period of the SCL clock
0.26
-
-
s
tLOW
LOW period of the SCL clock
0.5
-
-
s
tHD;STA
hold time (repeated) START condition
0.26
-
-
s
tSU;DAT
data set-up time
50
-
-
ns
tHD;DAT
data hold time
0
-
-
ns
tSU;STO
set-up time for STOP condition
0.26
-
-
s
tf
fall time
SDA and OS outputs;
CL = 450 pF; IOL =30mA
-120
-ns
tto(SMBus)
SMBus time-out time
[2][3] 25
-
35
ms
Fig 27. Timing diagram
SDA
SCL
002aah456
tf
S
Sr
P
S
tHD;STA
tLOW
tr
tSU;DAT
tf
tHD;DAT
tHIGH
tSU;STA
tHD;STA
tSP
tSU;STO
tr
tBUF
0.7 × VCC
0.3 × VCC
0.7 × VCC
0.3 × VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com