Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP442 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP442
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor with η-Factor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP442 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP442 Datasheet HTML 17Page - Texas Instruments TMP442 Datasheet HTML 18Page - Texas Instruments TMP442 Datasheet HTML 19Page - Texas Instruments TMP442 Datasheet HTML 20Page - Texas Instruments TMP442 Datasheet HTML 21Page - Texas Instruments TMP442 Datasheet HTML 22Page - Texas Instruments TMP442 Datasheet HTML 23Page - Texas Instruments TMP442 Datasheet HTML 24Page - Texas Instruments TMP442 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
S
A6
A5
A4
A3
A2
A1
A0
1
A
START
Target Address
R/W
ACK from Target
D6
D5
D4
D3
D2
D1
D0
A
D7
P
STOP
ACK from Controller
Data from Previous Register
Target controls SDA line
Controller controls SDA line
Figure 7-14. Repeated Read from Single Register
7.5.5 SMBus Alert Mode
When the Alert Mode Setting bit in the Configuration Register is set to 0, the Interrupt/SMBus Alert mode is
enabled. In this mode, the ALERT pin is asserted at the end of a conversion cycle if the measured temperature
exceeds a High Alert Limit or goes below a Low Alert Limit defined in the limit registers. In this mode, the
TMP4719 sets the ALERT mask bit of the Configuration Register during a read of the Status Register if any flag
in the Status Register, except the ADC_Busy flag and Remote Diode Open flag, is set. This prevents the ALERT
pin from triggering until the controller resets the ALERT mask bit (write 0 to the Alert_MASK bit).
The ALERT High Status flags are set at the end of a conversion cycle when the measured temperature exceeds
a High Alert Limit register limit. There are separate High Limit values and status register flags for the remote
and local temperature measurements. The status register flags are only set to the respective temperature
measurements.
The ALERT Low Status flag is set at the end of a conversion cycle when the measured remote temperature is
below the Remote Low Alert Limit register limit. There are separate Low Limit values and status register flags
for the remote and local temperature measurements. The status register flags are only set to the respective
temperature measurements.
The Status Register limit flags are cleared after a read command of the Status Register from the controller and
are set again at the end of a temperature conversion cycle if the measured temperature is outside the set limits.
When the ALERT pin is connected to the SMBus alert line, there can be multiple devices on the same output.
For the controller to resolve which target is generating an alert, the controller can send an SMBus ALERT
Response Address (ARA) command. If the TMP4719 is generating an alert, and an ARA command is sent, the
TMP4719 sets the ALERT MASK bit in the Configuration register and sends the target address to the controller.
An ARA command does not clear any Status register flags. A read command of the Status Register from the
controller is required to clear the Status Register limit flags.
Figure 7-15 shows the behavior of the ALERT pin and flags while in SMBus Alert mode.
www.ti.com
TMP4719
SBOSAJ7 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com