Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP442 Datasheet(PDF) 42 Page - Texas Instruments

Part # TMP442
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor with η-Factor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP442 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMP442 Datasheet HTML 38Page - Texas Instruments TMP442 Datasheet HTML 39Page - Texas Instruments TMP442 Datasheet HTML 40Page - Texas Instruments TMP442 Datasheet HTML 41Page - Texas Instruments TMP442 Datasheet HTML 42Page - Texas Instruments TMP442 Datasheet HTML 43Page - Texas Instruments TMP442 Datasheet HTML 44Page - Texas Instruments TMP442 Datasheet HTML 45Page - Texas Instruments TMP442 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
Table 8-30. η-Factor Lookup Table (continued)
Setting
η-Factor
Setting
η-Factor
1B
1.0159
33
1.0470
1C
1.0171
34
1.0482
1D
1.0185
35
1.0496
1E
1.0198
36
1.0508
1F
1.0211
37
1.0522
Figure 8-28. η-Factor_Ch1 Register
7
6
5
4
3
2
1
0
η-Factor_Ch1[7:0]
R/W-12h
Table 8-31. η-Factor_Ch1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
η-Factor_Ch1[7:0]
R/W
12h
This register is used to configure the diode ideality factor for
remote channel 1. Refer to Table 8-30 for the specific settings.
8.29 η-Factor_Ch2 Register (Address = 28h) [reset = 12h]
This register is used to configure the diode ideality factor for remote channel 2 according to settings in η-Factor
Lookup Table.
The default value 12h corresponds to the ideality factor of 1.008.
Return to Register Map.
Figure 8-29. η-Factor_Ch2 Register
7
6
5
4
3
2
1
0
η-Factor_Ch2[7:0]
R/W-12h
Table 8-32. η-Factor_Ch2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
η-Factor_Ch2[7:0]
R/W
12h
This register is used to configure the diode ideality factor for
remote channel 2. Refer to Table 8-30 for the specific settings.
TMP4719
SBOSAJ7 – OCTOBER 2025
www.ti.com
42
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com