Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28056ADBVT.B Datasheet(PDF) 21 Page - Texas Instruments

Part # UCC28056ADBVT.B
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056ADBVT.B Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCC28056ADBVT.B Datasheet HTML 17Page - Texas Instruments UCC28056ADBVT.B Datasheet HTML 18Page - Texas Instruments UCC28056ADBVT.B Datasheet HTML 19Page - Texas Instruments UCC28056ADBVT.B Datasheet HTML 20Page - Texas Instruments UCC28056ADBVT.B Datasheet HTML 21Page - Texas Instruments UCC28056ADBVT.B Datasheet HTML 22Page - Texas Instruments UCC28056ADBVT.B Datasheet HTML 23Page - Texas Instruments UCC28056ADBVT.B Datasheet HTML 24Page - Texas Instruments UCC28056ADBVT.B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
RZC1
RZC2
IL(t)
RDSON x IL(t)
RCS x IL(t)
VZC(t)
GND
GND
2
ZCD/CS
§
·
u
u
|
u
¨
¸
©
¹
ZC2
ZC
L
CS
DSON
L
CS
ZC1
ZC2
R
V
t
I
t
R
R
I
t
R
R
R
21
UCC28056
www.ti.com
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Feature Description (continued)
8.3.5.1 Supply Undervoltage Lockout
Supply undervoltage lockout (UVLO) protection ensures that the controller operates only while the supply voltage
is in a range that ensures correct operation and adequate Gate drive amplitude for the power switch.
The controller remains in a dormant state, consuming little ICC current (ICC_Startup), until the VCC pin voltage
exceeds VCCStart. Once VCCStart is exceeded, the controller wakes into its Stopb state. After waking, the controller
proceeds with its normal start-up process.
The controller stops switching if the VCC pin voltage falls below VCCStop for a longer period than TUVLOBlk. The
controller then returns to a dormant condition. During this dormant period, the controller consumes a relatively
small amount of supply current (ICC) until it exceeds the VCCStart threshold again.
8.3.5.2 Two Level Over-Current Protection
The UCC28056 controller includes two overcurrent protection mechanisms to deliver safe robust protection
without danger of false tripping during operating transients. During the ON period of the switch, a current sense
resistor (RCS) connected in the source lead of the power switch senses the inductor current. The ZCD/CS pin
detects the voltage across the current sense resistor. Equation 12 dscribes the current sense voltage signal
applied to the ZCD/CS pin. Typically the second term in the bracket is much smaller than current sense resitance
value (RCS ) and can be neglected.
(12)
Figure 23. Equivalent Circuit of External Current Sense Network
8.3.5.2.1
Cycle-by-Cycle Current Limit Ocp1
Cycle-by-cycle peak current protection (Ocp1) terminates the on-time (TON) duration early if the current sense
voltage rises above 0.5 V. This current protection method limits the peak inductor current, thus avoiding inductor
saturation or damage to the power stage. When cycle-by-cycle current limit is active, it impacts Line current
distortion, but in all other respects normal switching operation continues and the controller maintains output
regulation.
The controller applies leading edge blanking to the current sense voltage signal. This application ensures that the
leading edge current spike caused by discharging CDE does not cause the Ocp1 comparator to terminate the
DRV pulse too early.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com