Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28056ADBVT.B Datasheet(PDF) 39 Page - Texas Instruments

Part # UCC28056ADBVT.B
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056ADBVT.B Datasheet(HTML) 39 Page - Texas Instruments

Back Button UCC28056ADBVT.B Datasheet HTML 35Page - Texas Instruments UCC28056ADBVT.B Datasheet HTML 36Page - Texas Instruments UCC28056ADBVT.B Datasheet HTML 37Page - Texas Instruments UCC28056ADBVT.B Datasheet HTML 38Page - Texas Instruments UCC28056ADBVT.B Datasheet HTML 39Page - Texas Instruments UCC28056ADBVT.B Datasheet HTML 40Page - Texas Instruments UCC28056ADBVT.B Datasheet HTML 41Page - Texas Instruments UCC28056ADBVT.B Datasheet HTML 42Page - Texas Instruments UCC28056ADBVT.B Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
§
·
u
:
¨
¸
©
¹
OS11
OS
OS12
OS
BLK
R
K
1
R
1
27.95 k
K
K
1
u
:
:
OS11
R
3
3.24 M
9.72 M
OS11
OS12
OS2
BLK
OS12
OS2
R
R
R
K
108
R
R
Out Re g
OS11
OS12
OS2
OS
OSRe g
OS2
V
R
R
R
K
156
V
R
'
u
u
:
OSRe g
Out Re g
OS1
OSRe g
OSBias
V
V
390 V
R
1%
39 M
V
I
100 nA
'
u
OSRe g
OSBias
OS1
OSRe g
Out Re g
V
I
R
V
V
2
Out Re g
OSDiv
OS1
OS2
V
P
R
R
§
·
u ¨
¸
©
¹
OS1
Out Re g
OSRe g
OS2
R
V
V
1
R
ZC3
C
10pF
:
ZC3
R
3 k
39
UCC28056
www.ti.com
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
For this example design, the following values were selected for the RC filter to attenuate switching edge spikes.
(68)
(69)
9.2.2.4 VOSNS Pin
The VOSNS pin voltage is applied to the inverting input of an internal trasnconductance error amplifier. A fixed
reference voltage (VOSReg) being applied to the non-inverting input. The error amplifier has high gain hence in
steady-state, assuming VCOMP < 5-V, average voltage on the VOSNS pin must be approximately equal to the
reference voltage (VOSReg). Output voltage regulation set point (VOutReg) is therefore determined by the external
resistor divider network connecting the output voltage to the VOSNS pin according to the following expression.
(70)
The resistive divider that feeds the VOSNS pin makes a significant contribution to the unloaded input power.
Higher resistor values reduce power consumption of the divider.
(71)
Regulation accuracy degrades with increased resistor values due to the effect of VOSNS pin bias current
(IOSBias).
(72)
To ensure that VOSNS pin bias current degrades output voltage regulation by less than 1%, the upper voltage
divider resistor value must be constrained as show in Equation 73.
(73)
Equation 73 confirms that reduction of the VOSNS divider dissipation to below 4 mW does not negatively
affecting the regulation accuracy.
The PFC stage, of this design example, is to be followed by an LLC stage, that is controlled by UCC256301
device. The UCC28056 controller and the UCC256301 device operate together to form a complete off-Line
power supply system with excellent light-load efficiency and standby power. To limit no-load input power a single
resistor divider feeds both the VOSNS pin (UCC28056) and the BLK pin (UCC256301). A resistor divider with
two taps is required because the UCC28056 requires a different divide ratio (KOS) to that required for the
UCC256301 device (KBLK). The upper divider resistor (ROS1) is divided into two parts (ROS11, ROS12) to achieve
the additional tap.
(74)
(75)
For this design example select an upper divider resistor made up of three series-connected, 3.24-M
Ω, 1206 SMT
resistors. This compact and cost-effective design produces a suitable high-voltage resistor. If a single resistor is
preferred, use a high voltage type, rated for the maximum voltage that can appear across the output capacitor
during a Line surge test.
(76)
Solving Equation 74 and Equation 75 simultaneously results in:
(77)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com