Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28056CDBVT.A Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC28056CDBVT.A
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT.A Datasheet(HTML) 4 Page - Texas Instruments

  UCC28056CDBVT.A Datasheet HTML 1Page - Texas Instruments UCC28056CDBVT.A Datasheet HTML 2Page - Texas Instruments UCC28056CDBVT.A Datasheet HTML 3Page - Texas Instruments UCC28056CDBVT.A Datasheet HTML 4Page - Texas Instruments UCC28056CDBVT.A Datasheet HTML 5Page - Texas Instruments UCC28056CDBVT.A Datasheet HTML 6Page - Texas Instruments UCC28056CDBVT.A Datasheet HTML 7Page - Texas Instruments UCC28056CDBVT.A Datasheet HTML 8Page - Texas Instruments UCC28056CDBVT.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
4
UCC28056
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
5 Device Comparison Tables
DEVICE
UCC28056
UCC28056A
UCC28056B
UCC28056C
Target Applications
Not recommended
for new design
PFC Bus output
>400VDC
Improved audible
noise performance
Drop in replacement
for UCC28056
OVP2 FEATURE INCLUDED
YES
NO
YES
YES
OVP1 THRESHOLD
110% Vout
108% Vout
110% Vout
110% Vout
BURST MODE THRESHOLD
< 10% Load
< 15% Load
< 15% Load
< 10% Load
ZCD NOISE IMMUNITY
Basic noise immunity
Improved noise
immunity
Improved noise
immunity
Improved noise
immunity
The enhanced noise immunity of UCC28056A, UCC28056B, and UCC28056C provides system robustness
advantages and less sensitivity to PCB layout than the UCC28056. For more information on the system level
benefits that UCC28056A, UCC28056B and UCC28056C provide, please see UCC28056X Selection Guide
SLUA974.
PARAMETER
DEVICE
MIN
TYP
MAX
UNIT
Output Over Voltage Protection
VOSOvp1Rise
VOSNS over-voltage threshold, rising,
VCC = 12 V
UCC28056A
2.64
2.7
2.76
V
UCC28056
2.69
2.75
2.81
UCC28056B
UCC28056C
VOSOvp1Fall
VOSNS over-voltage threshold, falling,
VCC = 12 V
UCC28056A
2.55
2.625
2.68
V
UCC28056
2.60
2.675
2.73
UCC28056B
UCC28056C
VOSOvp1Hyst
VOSOovp1Rise - VOSOovp1Fall
All
0.072
V
TOvp2Blk
Ovp2 Comparator output is blanked for
this period after falling edge of DRV
UCC28056A
Not Applicable
UCC28056
520
620
720
ns
UCC28056B
UCC28056C
TOvp2bEn
Ovp2b fault is detected if ZCD is detected
during this period after falling edge of
Ovp2 Comparator output
UCC28056A
Not Applicable
UCC28056
620
720
820
ns
UCC28056B
UCC28056C
VOvp2Th
Second level output over-voltage fault
Threshold
UCC28056A
Not Applicable
UCC28056
1.102
1.125
1.148
ns
UCC28056B
UCC28056C
Burst Mode Operation
VBSTFall
VCOMP Burst Threshold Falling
UCC28056
0.5
V
UCC28056C
UCC28056A
0.75
UCC28056B
VBSTRise
VCOMP Burst Threshold Rising
UCC28056
0.625
UCC28056C
UCC28056A
0.875
UCC28056B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com