Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28056CDBVT.A Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC28056CDBVT.A
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT.A Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC28056CDBVT.A Datasheet HTML 4Page - Texas Instruments UCC28056CDBVT.A Datasheet HTML 5Page - Texas Instruments UCC28056CDBVT.A Datasheet HTML 6Page - Texas Instruments UCC28056CDBVT.A Datasheet HTML 7Page - Texas Instruments UCC28056CDBVT.A Datasheet HTML 8Page - Texas Instruments UCC28056CDBVT.A Datasheet HTML 9Page - Texas Instruments UCC28056CDBVT.A Datasheet HTML 10Page - Texas Instruments UCC28056CDBVT.A Datasheet HTML 11Page - Texas Instruments UCC28056CDBVT.A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
8
UCC28056
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
gMNL
Error Amplifier Transconductance
Gain for large error
|VOS-VOSReg| > DSuThs
300
µS
DSuThs
Non-Linear Gain Threshold
67
mV
RCODisch
Internal COMP to GND resistance
when in STOPb state.
4.3
5
5.7
kΩ
VCOClmp
COMP pin internal high clamp voltage
5.5
5.6
5.71
V
VCOSat
COMP pin internal low clamp voltage
(1)
0
V
ICOMin
COMP Maximum Source Current
-120
µA
ICOMax
COMP Maximum Sink Current
120
µA
Line Voltage Feed-Forward
THLinMax
Line peak sampling window (1)
While switching
11
12.3
13.6
ms
VFF0Rise
Comparator rising threshold switching
from GFF0 to GFF1
(1)
0.348
V
VFF1Rise
Comparator rising threshold switching
from GFF1 to GFF2
(1)
0.406
V
VFF2Rise
Comparator rising threshold switching
from GFF2 to GFF3
(1)
0.473
V
VFF3Rise
Comparator rising threshold switching
from GFF3 to GFF4
(1)
0.552
V
VFF4Rise
Comparator rising threshold switching
from GFF4 to GFF5
(1)
0.644
V
VFF5Rise
Comparator rising threshold switching
from GFF5 to GFF6
(1)
0.751
V
VFF6Rise
Comparator rising threshold switching
from GFF6 to GFF7
(1)
0.875
V
VFF0Fall
Comparator falling threshold switching
from GFF1 to GFF0
(1)
Peak value of VInSynth within THLinMax
Window
0.331
V
VFF1Fall
Comparator falling threshold switching
from GFF2 to GFF1
(1)
Peak value of VInSynth within THLinMax
Window
0.386
V
VFF2Fall
Comparator falling threshold switching
from GFF3 to GFF2
(1)
Peak value of VInSynth within THLinMax
Window
0.45
V
VFF3Fall
Comparator falling threshold switching
from GFF4 to GFF3
(1)
Peak value of VInSynth within THLinMax
Window
0.524
V
VFF4Fall
Comparator falling threshold switching
from GFF5 to GFF4
(1)
Peak value of VInSynth within THLinMax
Window
0.612
V
VFF5Fall
Comparator falling threshold switching
from GFF6 to GFF5
(1)
Peak value of VInSynth within THLinMax
Window
0.713
V
VFF6Fall
Comparator falling threshold switching
from GFF7 to GFF6
(1)
Peak value of VInSynth within THLinMax
Window
0.832
V
GFF0
Line Feed-Forward gain level 0 (1)
1
GFF1
Line Feed-Forward gain level 1 (1)
0.735
GFF2
Line Feed-Forward gain level 2 (1)
0.541
GFF3
Line Feed-Forward gain level 3 (1)
0.398
GFF4
Line Feed-Forward gain level 4 (1)
0.292
GFF5
Line Feed-Forward gain level 5 (1)
0.215
GFF6
Line Feed-Forward gain level 6 (1)
0.158
GFF7
Line Feed-Forward gain level 7 (1)
0.116
Maximum ON Time
TONMAX0
Maximum ON time when GFF = GFF0
12.1
12.8
13.2
µs
TONMAX1
Maximum ON time when GFF = GFF1
10.42
10.98
11.28
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com