Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS20170CT Datasheet(PDF) 14 Page - STMicroelectronics

Part # STPS20170CT
Description  High voltage power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20170CT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STPS20170CT Datasheet HTML 7Page - STMicroelectronics STPS20170CT Datasheet HTML 8Page - STMicroelectronics STPS20170CT Datasheet HTML 9Page - STMicroelectronics STPS20170CT Datasheet HTML 10Page - STMicroelectronics STPS20170CT Datasheet HTML 11Page - STMicroelectronics STPS20170CT Datasheet HTML 12Page - STMicroelectronics STPS20170CT Datasheet HTML 13Page - STMicroelectronics STPS20170CT Datasheet HTML 14Page - STMicroelectronics STPS20170CT Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Ordering information
STPS20170C
14/15
DocID10243 Rev 3
3
Ordering information
Table 8: Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STPS20170CT
STPS20170CT
TO-220AB
1.95 g
50
Tube
STPS20170CFP
STPS20170CFP
TO-220FPAB
1.7 g
50
Tube
STPS20170CG-TR
STPS20170CG
D²PAK
1.38 g
1000
Tape and reel
4
Revision history
Table 9: Document revision history
Date
Revision
Changes
Mar-2004
1
First issue.
28-Jul-2005
2
TO-220FPAB, I²PAK and D²PAK packages added.
14-Oct-2016
3
Removed I²PAK package.
Updated features and packages silhouettes in cover page.
Updated Section 5: "Characteristics", Section 5.1:
"Characteristics (curves)", Table 8: "Ordering information" and
Section 6.2: "D²PAK package information".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com