Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS20170CT Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS20170CT
Description  High voltage power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20170CT Datasheet(HTML) 4 Page - STMicroelectronics

  STPS20170CT Datasheet HTML 1Page - STMicroelectronics STPS20170CT Datasheet HTML 2Page - STMicroelectronics STPS20170CT Datasheet HTML 3Page - STMicroelectronics STPS20170CT Datasheet HTML 4Page - STMicroelectronics STPS20170CT Datasheet HTML 5Page - STMicroelectronics STPS20170CT Datasheet HTML 6Page - STMicroelectronics STPS20170CT Datasheet HTML 7Page - STMicroelectronics STPS20170CT Datasheet HTML 8Page - STMicroelectronics STPS20170CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Characteristics
STPS20170C
4/15
DocID10243 Rev 3
1.1
Characteristics (curves)
Figure 1: Average forward power dissipation
versus average forward current (per diode)
Figure 2: Average forward current versus ambient
temperature (δ = 0.5, per diode)
Figure 3: Normalized avalanche power derating
versus pulse duration (Tj = 125 °C)
Figure 4: Relative variation of thermal impedance
junction to case versus pulse duration
Figure 5: Reverse leakage current versus reverse
voltage applied (typical values, per diode)
Figure 6: Junction capacitance versus reverse
voltage applied (typical values, per diode)
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9
10
11
12
I
(A )
F (AV)
T
= tp/T
tp
= 0.05
= 0.1
= 0.2
= 0.5
= 1
δ
δ
δ
δ
δ
δ
PF(AV)(W)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
25
50
75
100
125
150
175
T
(° C)
a mb
T
= tp/T
tp
R
=15° C/W
th(j-a)
R
=R
th(j-a)
th(j-c) (TO -220FPAB )
R
=R
th(j-a)
th(j-c)
(TO-220AB and D²PAK)
δ
IF(AV)(A)
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E- 03
1.E- 02
1.E- 01
1.E+ 00
t ( s )
p
T
= tp/T
tp
TO-220FPAB
TO-220AB and D²PAK
Single pulse
δ
Zth(j-c)/Rth(j-c)
1.E -01
1.E +00
1.E +01
1.E +02
1.E +03
1.E +04
1.E +05
0
25
50
75
100
125
150
175
V (V )
R
T = 175 °C
j
T = 150 °C
j
T = 125 °C
j
T = 100 °C
j
T = 25 °C
j
IR(µA)
10
100
1000
1
10
100
1000
V (V )
R
C(pF)
F = 1 MHz
V
OSC
= 30 mV
RMS
T
j
= 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com