| Electronic Components Datasheet Search |
|
UCD3138128 Datasheet(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
UCD3138128 Datasheet(HTML) 32 Page - Texas Instruments |
|
32 / 84 page ![]() A ON SELECT A OFF SELECT B ON SELECT B OFF SELECT EGEN A EGEN B EDGE GEN PWM A PWM B B SELECT A SELECT INTRAMUX A/B/C (N) A/B/C (N+1) C (N+2) C (N+3) A(N) B(N) A(N+1) B(N+1) 32 UCD3138128, UCD3138A64 SLUSBZ8B – JUNE 2014 – REVISED FEBRUARY 2017 www.ti.com Product Folder Links: UCD3138128 UCD3138A64 Submit Documentation Feedback Copyright © 2014–2017, Texas Instruments Incorporated 1 = DPWM(n) A Falling edge 2 = DPWM(n) B Rising edge 3 = DPWM(n) B Falling edge 4 = DPWM(n+1) A Rising edge 5 = DPWM(n+1) A Falling edge 6 = DPWM(n+1) B Rising edge 7 = DPWM(n+1) B Falling edge Where “n" is the numerical index of the DPWM module of interest. For example n=1 refers to DPWM1. The Edge Gen is controlled by the DPWMEDGEGEN register. It also has an enable/disable bit. The IntraMux is controlled by the Auto Config registers. Intra Mux is short for intra multiplexer. The IntraMux takes signals from multiple DPWMs and from the Edge Gen and combines them logically to generate DPWMA and DPWMB signals This is useful for topologies like phase-shifted full bridge, especially when they are controlled with automatic mode switching. Of course, it can all be disabled, and DPWMA and DPWMB will be driven as described in the sections above. If the Intra Mux is enabled, high resolution must be disabled, and DPWM edge resolution goes down to 4 ns. Here is a drawing of the Edge Gen/Intra Mux: Figure 16. Edge Generation / IntraMux Here is a list of the IntraMux modes for DPWMA: 0 = DPWMA(n) pass through (default) 1 = Edge-gen output, DPWMA(n) 2 = DPWNC(n) 3 = DPWMB(n) (Crossover) 4 = DPWMA(n+1) 5 = DPWMB(n+1) 6 = DPWMC(n+1) 7 = DPWMC(n+2) 8 = DPWMC(n+3) and for DPWMB: 0 = DPWMB(n) pass through (default) 1 = Edge-gen output, DPWMB(n) 2 = DPWNC(n) 3 = DPWMA(n) (Crossover) 4 = DPWMA(n+1) 5 = DPWMB(n+1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |