Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD3138128 Datasheet(PDF) 73 Page - Texas Instruments

Part # UCD3138128
Description  UCD3138128, UCD3138A64 Highly-Integrated Digital Controller For Isolated Power
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138128 Datasheet(HTML) 73 Page - Texas Instruments

Back Button UCD3138128 Datasheet HTML 69Page - Texas Instruments UCD3138128 Datasheet HTML 70Page - Texas Instruments UCD3138128 Datasheet HTML 71Page - Texas Instruments UCD3138128 Datasheet HTML 72Page - Texas Instruments UCD3138128 Datasheet HTML 73Page - Texas Instruments UCD3138128 Datasheet HTML 74Page - Texas Instruments UCD3138128 Datasheet HTML 75Page - Texas Instruments UCD3138128 Datasheet HTML 76Page - Texas Instruments UCD3138128 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
73
UCD3138128, UCD3138A64
www.ti.com
SLUSBZ8B – JUNE 2014 – REVISED FEBRUARY 2017
Product Folder Links: UCD3138128 UCD3138A64
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
13 Device and Documentation Support
13.1 Device Support
13.1.1 Development Support
The application firmware for the UCD3138x is developed on Texas Instruments Code Composer Studio (CCS)
integrated development environment.
Device programming, real time debug and monitoring/configuration of key device parameters for certain power
topologies are all available through Texas Instruments’ FUSION_DIGITAL_POWER_DESIGNER Graphical User
Interface (http://www.ti.com/tool/fusion_digital_power_designer). The FUSION_DIGITAL_POWER_DESIGNER
software application uses the PMBus protocol to communicate with the device over a serial bus using an
interface
adaptor
known
as
the
USB-TO-GPIO,
available
as
an
EVM
from
Texas
Instruments
(http://www.ti.com/tool/usb-to-gpio). PMBUS-based real-time debug capability is available through the ‘Memory
Debugger’ tool within the Device GUI module of the FUSION_DIGITAL_POWER_DESIGNER GUI, which
represents a powerful alternative over traditional JTAG-based approaches’.
The software application can also be used to program the devices, with a version of the tool known as
FUSION_MFR_GUI optimized for manufacturing environments (http://www.ti.com/tool/fusion_mfr_gui). The
FUSION_MFR_GUI tool supports multiple devices on a board, and includes built-in logging and reporting
capabilities.
13.2 Documentation Support
13.2.1 Related Links
The table below lists quick access links. Categories include technical documents, support and community
resources, tools and software, and quick access to sample or buy.
Table 6. Related Links
PARTS
PRODUCT FOLDER
SAMPLE & BUY
TECHNICAL
DOCUMENTS
TOOLS &
SOFTWARE
SUPPORT &
COMMUNITY
UCD3138A64
Click here
Click here
Click here
Click here
Click here
UCD3138128
Click here
Click here
Click here
Click here
Click here
13.2.2 Related Documentation
In terms of reference documentation, the following programmer’s manuals are available offering detailed
information regarding the application and usage of UCD3138x digital controller:
1. UCD3138064 or UCD3138128 Programmer's Manual
2. UCD3138 Digital Power Peripheral Programmer's Manual Key topics covered in this manual include:
–
Digital Pulse Width Modulator (DPWM)
–
Modes of Operation (Normal/Multi/Phase-shift/Resonant etc)
–
Automatic Mode Switching
–
DPWMC, Edge Generation & Intra-Mux
–
Front End
–
Analog Front End
–
Error ADC or EADC
–
Front End DAC
–
Ramp Module
–
Successive Approximation Register Module
–
Filter
–
Filter Math
–
Loop Mux
–
Analog Peak Current Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com