Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC40G12-Y Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPSC40G12-Y
Description  Automotive 1200 V, 40 A power Schottky high surge silicon carbide diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC40G12-Y Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STPSC40G12-Y Datasheet HTML 2Page - STMicroelectronics STPSC40G12-Y Datasheet HTML 3Page - STMicroelectronics STPSC40G12-Y Datasheet HTML 4Page - STMicroelectronics STPSC40G12-Y Datasheet HTML 5Page - STMicroelectronics STPSC40G12-Y Datasheet HTML 6Page - STMicroelectronics STPSC40G12-Y Datasheet HTML 7Page - STMicroelectronics STPSC40G12-Y Datasheet HTML 8Page - STMicroelectronics STPSC40G12-Y Datasheet HTML 9Page - STMicroelectronics STPSC40G12-Y Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Note:
This package drawing may slightly differ from the physical package. However, all the specified dimensions are
guaranteed.
Table 6. DO-247 LL package mechanical data
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.90
5.00
5.10
0.192
0.197
0.201
A1
2.31
2.41
2.51
0.090
0.095
0.099
A2
1.90
2.00
2.10
0.074
0.079
0.083
a
0.00
0.15
0.000
0.006
a'
0.00
0.15
0.000
0.006
b
1.16
1.29
0.045
0.051
b2
1.96
2.06
0.077
0.082
b6
2.25
0.089
c
0.59
0.66
0.023
0.026
D
20.90
21.00
21.10
0.822
0.827
0.831
D1
16.25
16.55
16.85
0.639
0.652
0.664
D2
1.05
1.20
1.35
0.041
0.047
0.054
E
15.70
15.80
15.90
0.618
0.622
0.626
E1
13.06
13.26
13.46
0.514
0.522
0.530
E2
4.90
5.00
5.10
0.192
0.197
0.201
E3
2.40
2.50
2.60
0.094
0.098
0.103
e
10.78
10.88
10.98
0.424
0.428
0.433
L
19.80
19.92
20.10
0.779
0.784
0.792
L1
3.93
4.46
0.154
0.176
M
0.35
0.95
0.013
0.038
P
3.50
3.60
3.70
0.137
0.142
0.146
P1
7.00
7.40
0.275
0.292
P2
2.40
2.50
2.60
0.094
0.098
0.103
Q
5.60
6.00
0.220
0.237
S
6.05
6.15
6.25
0.238
0.242
0.247
T
9.80
10.20
0.385
0.402
U
6.00
6.40
0.236
0.252
STPSC40G12-Y
DO-247 LL package information
DS14119 - Rev 1
page 7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com