Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC40G12-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC40G12-Y
Description  Automotive 1200 V, 40 A power Schottky high surge silicon carbide diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC40G12-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC40G12-Y Datasheet HTML 1Page - STMicroelectronics STPSC40G12-Y Datasheet HTML 2Page - STMicroelectronics STPSC40G12-Y Datasheet HTML 3Page - STMicroelectronics STPSC40G12-Y Datasheet HTML 4Page - STMicroelectronics STPSC40G12-Y Datasheet HTML 5Page - STMicroelectronics STPSC40G12-Y Datasheet HTML 6Page - STMicroelectronics STPSC40G12-Y Datasheet HTML 7Page - STMicroelectronics STPSC40G12-Y Datasheet HTML 8Page - STMicroelectronics STPSC40G12-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
•
AEC-Q101 qualified and PPAP capable
•
None or negligible reverse recovery
•
Switching behavior independent of temperature
•
Robust high voltage periphery
•
Operating Tj from -55 °C to 175 °C
•
Avalanche energy rated
•
ECOPACK2 compliant component
Applications
•
Boost PFC
•
HEV/EV OBC (On board battery chargers)
•
EV Charging station
Description
The SiC diode, available in DO-247 with long leads, is an ultrahigh performance
power Schottky rectifier. It is manufactured using a silicon carbide substrate. The
wide band-gap material allows the design of a low VF Schottky diode structure with
a 1200 V rating. Thanks to the Schottky construction, no recovery is shown during
turn-off and ringing patterns are negligible. The minimal capacitive turn-off behavior is
independent of temperature.
Based on latest technology optimization, this diode has an improved forward
surge current capability, making it ideal for use in PFC, where this ST SiC diode
boosts the performance in hard switching conditions while bringing robustness to the
design. Its high forward surge capability ensures a good robustness during transient
phases.
A
K
DO-247 LL
A
K
K
Product label
Product status link
STPSC40G12-Y
Product summary
IF(AV)
40 A
VRRM
1200 V
Tj (max.)
175 °C
VF (typ.)
1.35 V
Automotive 1200 V, 40 A power Schottky high surge silicon carbide diode
STPSC40G12-Y
Datasheet
DS14119 - Rev 1 - November 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPSC40G12-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC40G12 STMICROELECTRONICS-STPSC40G12 Datasheet
490Kb / 10P
1200 V, 40 A power Schottky high surge silicon carbide diode
08-Nov-2022
STPSC40G12WL STMICROELECTRONICS-STPSC40G12WL Datasheet
490Kb / 10P
1200 V, 40 A power Schottky high surge silicon carbide diode
08-Nov-2022
More results

Similar Description - STPSC40G12-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H12-Y STMICROELECTRONICS-STPSC10H12-Y Datasheet
534Kb / 10P
Automotive grade 1200 V power Schottky silicon carbide diode
23-Jan-2017
STPSC10H12B2-TR STMICROELECTRONICS-STPSC10H12B2-TR Datasheet
224Kb / 11P
1200 V, 10 A, silicon carbide power Schottky diode
31-Aug-2020
STPSC10H12G2-TR STMICROELECTRONICS-STPSC10H12G2-TR Datasheet
375Kb / 11P
1200 V, 10 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC10H12G2Y-TR STMICROELECTRONICS-STPSC10H12G2Y-TR Datasheet
378Kb / 11P
Automotive 1200 V, 10 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2-TR STMICROELECTRONICS-STPSC15H12G2-TR Datasheet
375Kb / 11P
1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2Y-TR STMICROELECTRONICS-STPSC15H12G2Y-TR Datasheet
379Kb / 11P
Automotive 1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - September 2020
STPSC20H12G2-TR STMICROELECTRONICS-STPSC20H12G2-TR Datasheet
374Kb / 11P
1200 V, 20 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC40H12C-Y STMICROELECTRONICS-STPSC40H12C-Y Datasheet
257Kb / 10P
40 A 1200 V power Schottky silicon carbide diode
Rev 1 - January 2021
STPSC20H12CWY STMICROELECTRONICS-STPSC20H12CWY Datasheet
257Kb / 10P
20 A 1200 V power Schottky silicon carbide diode
24-Feb-2021
logo
WOLFSPEED, INC.
C4D40120H WOLFSPEED-C4D40120H Datasheet
715Kb / 8P
4th Generation 1200 V, 40 A Silicon Carbide Schottky Diode
Rev. 1, January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com