Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW50H65DFB2-4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGW50H65DFB2-4
Description  Trench gate field-stop, 650 V, 50 A, high-speed HB2 series IGBT in a TO247-4 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW50H65DFB2-4 Datasheet(HTML) 5 Page - STMicroelectronics

  STGW50H65DFB2-4 Datasheet HTML 1Page - STMicroelectronics STGW50H65DFB2-4 Datasheet HTML 2Page - STMicroelectronics STGW50H65DFB2-4 Datasheet HTML 3Page - STMicroelectronics STGW50H65DFB2-4 Datasheet HTML 4Page - STMicroelectronics STGW50H65DFB2-4 Datasheet HTML 5Page - STMicroelectronics STGW50H65DFB2-4 Datasheet HTML 6Page - STMicroelectronics STGW50H65DFB2-4 Datasheet HTML 7Page - STMicroelectronics STGW50H65DFB2-4 Datasheet HTML 8Page - STMicroelectronics STGW50H65DFB2-4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Power dissipation vs case temperature
GADG041220191034PDT
250
200
150
100
50
0
25
75
125
175
PTOT
(W)
≥
≤
TC (°C)
Figure 2. Collector current vs case temperature
GADG041220191035CCT
80
60
40
20
0
25
75
125
175
IC
(A)
TC (°C)
VGE ≥ 15 V, TJ ≤ 175 °C
Figure 3. Output characteristics (TJ = 25 °C)
GADG041220191035OC25
125
100
75
50
25
0
0
1
2
3
4
5
IC
(A)
VCE (V)
VGE = 9 V
VGE = 7 V
VGE = 11 V
VGE = 13 V
VGE = 15 V
Figure 4. Output characteristics (TJ = 175 °C)
GADG041220191036OC175
125
100
75
50
25
0
0
1
2
3
4
5
IC
(A)
VCE (V)
VGE = 9 V
VGE = 7 V
VGE = 11 V
VGE = 13 V
VGE = 15 V
Figure 5. VCE(sat) vs junction temperature
GADG041220191036VCET
2.6
2.3
2.0
1.7
1.4
1.1
0.8
-50
0
50
100
150
VCE(SAT)
(V)
TJ (°C)
IC = 25 A
IC = 50 A
IC = 100 A
VGE = 15 V
Figure 6. VCE(sat) vs collector current
GADG041220191037VCEC
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
25
50
75
100
125
VCE(SAT)
(V)
IC (A)
VGE = 15 V
TJ = 25 °C
TJ = -40 °C
TJ = 175 °C
STGW50H65DFB2-4
Electrical characteristics (curves)
DS13420 - Rev 1
page 5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com