Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW50H65DFB2-4 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGW50H65DFB2-4
Description  Trench gate field-stop, 650 V, 50 A, high-speed HB2 series IGBT in a TO247-4 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW50H65DFB2-4 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGW50H65DFB2-4 Datasheet HTML 2Page - STMicroelectronics STGW50H65DFB2-4 Datasheet HTML 3Page - STMicroelectronics STGW50H65DFB2-4 Datasheet HTML 4Page - STMicroelectronics STGW50H65DFB2-4 Datasheet HTML 5Page - STMicroelectronics STGW50H65DFB2-4 Datasheet HTML 6Page - STMicroelectronics STGW50H65DFB2-4 Datasheet HTML 7Page - STMicroelectronics STGW50H65DFB2-4 Datasheet HTML 8Page - STMicroelectronics STGW50H65DFB2-4 Datasheet HTML 9Page - STMicroelectronics STGW50H65DFB2-4 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Figure 7. Collector current vs switching frequency
GADG051220191302CCS
80
60
40
20
0
10 0
10 1
10 2
IC
(A)
f (kHz)
Rectangular current shape
(duty cycle = 0.5, VCC = 400 V,
RG = 4.7 Ω, VGE = 0/15 V , Tj = 175 °C
TC = 80 °C
TC = 100 °C
Figure 8. Forward bias safe operating area
IGBT061220191241FSOA
10 2
10 1
10 0
10 0
10 1
10 2
IC
(A)
VCE (V)
tp = 1 µs
tp = 10 µs
tp = 100 µs
tp = 1 ms
Single pulse, TC = 25 °C,
TJ ≤ 175 °C, VGE = 15 V
Figure 9. Transfer characteristics
GADG041220191038TCH
125
100
75
50
25
0
4
6
8
10
IC
(A)
VGE (V)
Tj = 175 °C
Tj = 25 °C
VCE = 6 V
Figure 10. Diode VF vs forward current
IGBT230216EWF6GDVF
2.3
2.0
1.7
1.4
1.1
0.8
20
30
40
50
60
70
80
VF
(V)
IF (A)
TJ = -40 °C
TJ = 25 °C
TJ = 175 °C
Figure 11. Normalized VGE(th) vs junction temperature
GADG300120191024NVGE
1.1
1.0
0.9
0.8
0.7
0.6
-50
0
50
100
150
VGE(th)
(norm.)
TJ (°C)
VCE = VGE
IC = 1 mA
Figure 12. Normalized V(BR)CES vs junction temperature
GADG300120191024NVBR
1.08
1.04
1.00
0.96
0.92
-50
0
50
100
150
V(BR)CES
(norm.)
TJ (°C)
IC = 1 mA
STGW50H65DFB2-4
Electrical characteristics (curves)
DS13420 - Rev 1
page 6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com