Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPOC Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # SPOC
Description  Multichannel SPI High-Side Power Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPOC Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button SPOC Datasheet HTML 6Page - Infineon Technologies AG SPOC Datasheet HTML 7Page - Infineon Technologies AG SPOC Datasheet HTML 8Page - Infineon Technologies AG SPOC Datasheet HTML 9Page - Infineon Technologies AG SPOC Datasheet HTML 10Page - Infineon Technologies AG SPOC Datasheet HTML 11Page - Infineon Technologies AG SPOC Datasheet HTML 12Page - Infineon Technologies AG SPOC Datasheet HTML 13Page - Infineon Technologies AG SPOC Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
User Manual
10 of 24
Version 1.0
2017-11
SPOC (TM)+2 User Manual
Multichannel SPI High-Side Power Controller
Figure 13 - Finished setup
1.3.1
Setup details
Table 3
XµIO
Pin #
o
1
NC
o
2
GND
o
3
NC
o
4
+5VµIO
o
5
NC
o
6
NC
o
7
NC
o
8
IN3
o
9
CS
o
10
IN2
o
11
SCLK
o
12
IN1
o
13
SO
o
14
IN0
o
15
SI
o
16
Sense
J_Filter
Closed by default
J_IS
1-2 closed by default
If 2-3 is closed:
 J_Filter has to be opened!
 Sense directly switched to IS (Filter
disconnected)
J_GND
1-2 closed: R_GND = 150 Ω (default)
3-4 closed: R_GND = 50 Ω
5-6 closed: R_GND = 0 Ω
J_IN2
3-2 closed by default.
If 1-2 is closed:
 Connect PROFET 2
J_IN3
3-2 closed by default.
If 1-2 is closed:
 Connect PROFET 2
J_VDD
1-2 closed (default VDD via µIO-Stick):
 Use +5VµIO (USB) as digital supply
voltage
2-3 closed:
 VDD via external supply
J_ch0 1
Closed if 4 Channel SPOCTM+2 is used:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com