Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPOC Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # SPOC
Description  Multichannel SPI High-Side Power Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPOC Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button SPOC Datasheet HTML 16Page - Infineon Technologies AG SPOC Datasheet HTML 17Page - Infineon Technologies AG SPOC Datasheet HTML 18Page - Infineon Technologies AG SPOC Datasheet HTML 19Page - Infineon Technologies AG SPOC Datasheet HTML 20Page - Infineon Technologies AG SPOC Datasheet HTML 21Page - Infineon Technologies AG SPOC Datasheet HTML 22Page - Infineon Technologies AG SPOC Datasheet HTML 23Page - Infineon Technologies AG SPOC Datasheet HTML 24Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
User Manual
20 of 24
Version 1.0
2017-11
SPOC (TM)+2 User Manual
Multichannel SPI High-Side Power Controller
 Tick the WRITE?-Box and select OUT0 and click ADD CMD (See Figure 32)
Figure 32 - Select OUT0 and add command
 Select no output in the WRITE-Box and click ADD CMD (See Figure 33)
Figure 33 - Select no output and add command
 Also typing in commands directly is possible (See SPOCTM+2 datasheet for command reference)
o
E.g.:
The command 80h means Write no output to OUT
The command 81h would mean Write to OUT and set OUT0 high.
See Figure 32 above
 Change the delay of command 81 to T_ON, the delay of command 80 to T_OFF (See Figure 34)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com