Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THP210 Datasheet(PDF) 17 Page - Texas Instruments

Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THP210 Datasheet(HTML) 17 Page - Texas Instruments

Back Button THP210 Datasheet HTML 13Page - Texas Instruments THP210 Datasheet HTML 14Page - Texas Instruments THP210 Datasheet HTML 15Page - Texas Instruments THP210 Datasheet HTML 16Page - Texas Instruments THP210 Datasheet HTML 17Page - Texas Instruments THP210 Datasheet HTML 18Page - Texas Instruments THP210 Datasheet HTML 19Page - Texas Instruments THP210 Datasheet HTML 20Page - Texas Instruments THP210 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
8.3.3 Flexible Gain Setting
The THP210 offers considerable flexibility in the configuration and selection of resistor values. Low input bias
current and bias current noise allows for larger gain resistor values with minimal impact to noise or offset, see
Section 9.1.3 for more details.
The design starts with the selection of the feedback resistor value. The 2-kΩ feedback resistor value used for
the characterization curves is a good compromise among power, noise, and phase margin considerations. With
the feedback resistor values selected (and set equal on each side), the input resistors are set to obtain the
desired gain, with input impedance also set with these input resistors. Differential I/O designs provide an input
impedance that is the sum of the two input resistors. Single-ended input to differential output designs present a
more complicated input impedance. Most characteristic curves implement the single-ended to differential design
as the more challenging requirement over differential-to-differential I/O designs.
8.3.4 Amplifier Overload Power Limit
During overload or fault conditions, many bipolar-based amplifiers draw significant (three to five times) quiescent
current if the output voltage is clipped (meaning the output voltage becomes limited by the negative or positive
supply rail).
The primary cause for this condition is that common-emitter output stages can consume excessive base current
(up to 100x) when overdriven into saturation. In addition, the overload condition causes the feedback to be
broken, which causes the slew boost to be permanently on. Depending on the slew boost circuit, this increases
the tail current up to 4x.
The THP210 has an intelligent overload detection scheme that eliminates this problem, meaning that there is
virtually no additional current consumption in the case of an overload event, represented in Figure 8-1. The
protection circuit continuously monitors both the input and output stages of the amplifier. Figure 8-1 shows a
measurements of the overload power limit behavior. If a large input voltage step (referred to as ΔVIN) is detected,
the protection circuit checks for the presence of a rapid change in the voltage at the output (referred to as
ΔVO). If the output is not changing because the output is clipped at supply rail, the protection circuit disables
the slew-boost circuit and limit the base current of the predriver to prevent output saturation. After the overload
condition is removed, the amplifier rapidly recovers to normal operating condition. Figure 8-1 indicates that in
case of an overloaded output the current consumption at the supply pins (referred to I(VS+) and I(VS–)) does not
exceed the limitations, and quickly recovers as soon as the overload condition has been removed.
Time (s)
0.06
0.075
0.09
0.105
0.12
0.135
-2
-2
-1
-1.5
0
-1
1
-0.5
2
0
3
0.5
4
1
5
1.5
6
2
'VIN
'VO
I(VS+)
I(VS )
Figure 8-1. Supply Current Change With Overloaded Outputs
www.ti.com
THP210
SBOS932C – JANUARY 2020 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com