Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THP210 Datasheet(PDF) 8 Page - Texas Instruments

Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THP210 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THP210 Datasheet HTML 4Page - Texas Instruments THP210 Datasheet HTML 5Page - Texas Instruments THP210 Datasheet HTML 6Page - Texas Instruments THP210 Datasheet HTML 7Page - Texas Instruments THP210 Datasheet HTML 8Page - Texas Instruments THP210 Datasheet HTML 9Page - Texas Instruments THP210 Datasheet HTML 10Page - Texas Instruments THP210 Datasheet HTML 11Page - Texas Instruments THP210 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
6.6 Typical Characteristics
at VVS = ±15 V, TA = 25°C, VVOCM = VVICM = 0 V, RF = 2 kΩ, RL = 10 kΩ, gain = –1 V/V, and VPD = VVS+ (unless otherwise
noted)
Input Offset Voltage (µV)
0
10
20
30
40
-50
-40
-30
-20
-10
0
10
20
30
40
50
VS = ±1.5 V, N = 190, mean = –2.66 µV, std dev = 8.81 µV
Figure 6-1. Input Offset Voltage Histogram
Input Offset Voltage (µV)
0
5
10
15
20
-40
-32
-24
-16
-8
0
8
16
24
32
40
VS = ±15 V, N = 120, mean = –1.13 µV, std dev = 5.61 µV
Figure 6-2. Input Offset Voltage Histogram
Offset Voltage Drift (PV/qC)
0
5
10
15
20
25
0
-1
-0.8
-0.6
-0.4
-0.2
0.2
0.4
0.6
0.8
1
D002
VS = ±15 V
Figure 6-3. Input Offset Voltage Drift Histogram
Common-Mode Input Offset Voltage (mV)
0
5
10
15
20
-6
-4
-2
0
2
4
6
D006
VS = ±18 V, VOCM = floating
Figure 6-4. Output Common-Mode Offset Voltage
Common-Mode Input Offset Voltage (mV)
0
5
10
15
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
D007
VS = ±18 V, VOCM = 0 V
Figure 6-5. Output Common Mode Voltage Offset
Input Common-Mode Voltage (V)
-18
-14
-10
-6
-2
2
6
10
14
18
-500
-400
-300
-200
-100
0
100
200
300
400
500
D025
IB
IB+
IOS
Figure 6-6. Input Bias Current vs Input Common-Mode Voltage
THP210
SBOS932C – JANUARY 2020 – REVISED MARCH 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com