Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7368IPW Datasheet(PDF) 35 Page - Texas Instruments

Part # THS7368IPW
Description  6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS7368IPW Datasheet(HTML) 35 Page - Texas Instruments

Back Button THS7368IPW Datasheet HTML 31Page - Texas Instruments THS7368IPW Datasheet HTML 32Page - Texas Instruments THS7368IPW Datasheet HTML 33Page - Texas Instruments THS7368IPW Datasheet HTML 34Page - Texas Instruments THS7368IPW Datasheet HTML 35Page - Texas Instruments THS7368IPW Datasheet HTML 36Page - Texas Instruments THS7368IPW Datasheet HTML 37Page - Texas Instruments THS7368IPW Datasheet HTML 38Page - Texas Instruments THS7368IPW Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
THS7368
www.ti.com
SBOS497 – DECEMBER 2009
THS7368EVM Bill of Materials
Table 7. THS7368 EVM
MANUFACTURER
DISTRIBUTOR
ITEM
REF DES
QTY
DESCRIPTION
SMD SIZE
PART NUMBER
PART NUMBER
(DIGI-KEY)
1
FB1, FB2
2
Bead, ferrite, 2.5 A, 330
Ω
805
(TDK) MPZ2012S331A
445-1569-1-ND
Capacitor, 100 µF, tantalum, 10V, 10%, low
(DIGI-KEY)
2
C12
1
C
(AVX) TPSC107K010R0100
ESR
478-1765-1-ND
Capacitor, 22 µF, tantalum, 16V, 10%, low
(DIGI-KEY)
3
C40
1
C
(AVX) TPSC226K016R0375
ESR
478-1767-1-ND
C1-C6,
4
C13-C18,
18
Open
0805
C31-C36
(DIGI-KEY)
5
C37
1
Capacitor, 0.01 µF, ceramic, 100 V, X7R
0805
(AVX) 08051C103KAT2A
478-1358-1-ND
C8, C10, C11,
C20, C22, C24,
(DIGI-KEY)
6
C26, C28, C30,
23
Capacitor, 0.1 µF, ceramic, 50 V, X7R
0805
(AVX) 08055C104KAT2A
478-1395-1-ND
C38, C39,
C41-C52
(DIGI-KEY)
7
C7, C9
2
Capacitor, 0.1 µF, ceramic, 50 V, X7R
1206
(AVX) 12065C104KAT2A
478-1556-1-ND
C19, C21, C23,
(PANASONIC)
(DIGI-KEY)
8
6
Capacitor, aluminum, 470 µF, 10 V, 20%
F
C25, C27, C29
EEE-FP1A471AP
PCE4526CT-ND
9
RX1-RX12
12
Open
0603
Z1-R9,
R19-R21,
(DIGI-KEY)
10
18
Resistor, 0
Ω
0805
(ROHM) MCR10EZHJ000
R26-R28,
RHM0.0ACT-ND
R35-R37
R1-R6,
(DIGI-KEY)
11
12
Resistor, 75
Ω, 1/8W, 1%
0805
(ROHM) MCR10EZHF75.0
R29-R34
RHM75.0CCT-ND
(DIGI-KEY)
12
R14
1
Resistor, 100
Ω, 1/8W, 1%
0805
(ROHM) MCR10EZHF1000
RHM100CCT-ND
R10, R11, R15,
(DIGI-KEY)
13
6
Resistor, 1k
Ω, 1/8W, 1%
0805
(ROHM) MCR10EZHF1001
R17, R24, R25
RHM1.00KCCT-ND
R12, R13, R16,
(DIGI-KEY)
14
6
Resistor, 100k
Ω, 1/8W, 1%
0805
(ROHM) MCR10EZHF1003
R18, R22, R23
RHM100KCCT-ND
(DIGI-KEY)
15
R38
1
Resistor, 1k
Ω, 1/4W, 1%
1206
(ROHM) MCR18EZHF1001
RHM1.00KFCT-ND
(DIGI-KEY)
16
D1-D12
12
Diode, ultrafast
(FAIRCHILD) BAV99
BAV99FSCT-ND
Jack, banana receptance, 0.25" diameter
17
J10, J11
2
(SPC) 813
(NEWARK) 39N867
hole
(AMPHENOL)
18
J1-J6, J13-J18
12
Connector, BNC, jack, 75
Ω
(NEWARK) 93F7554
31-5329-72RFX
19
J8, J20
2
Connector, mini circular DIN
(CUI) MD-40SM
(DIGI-KEY) CP-2240-ND
20
J7, J19
2
Connector, RCA jack, yellow
(CUI) RCJ-044
(DIGI-KEY) CP-1421-ND
21
J9, J12
2
Connector, RCA, jack, R/A
(CUI) RCJ-32265
(DIGI-KEY) CP-1446-ND
22
TP1, TP2
2
Test point, black
(KEYSTONE) 5001
(DIGI-KEY) 5001K-ND
23
JP1-JP6
6
Header, 0.1" CTRS, 0.025" square pins
3 pos.
(SULLINS) PBC36SAAN
(DIGI-KEY) S1011E-36-ND
24
JP1-JP6
6
Shunts
(SULLINS) SSC02SYAN
(DIGI-KEY) S9002-ND
25
U1
1
IC, THS7368
PW
(TI) THS7368IPW
26
—
4
Standoff, 4-40 hex, 0.625" length
(KEYSTONE) 1808
(DIGI-KEY) 1808K-ND
27
—
4
Screw, Phillips, 4-40, .250"
(BF) PMS 440 0031 PH
(DIGI-KEY) H343-ND
28
—
1
Board, printed circuit
Edge # 6510793 Rev. A
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): THS7368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com