Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072ACDR.A Datasheet(PDF) 51 Page - Texas Instruments

Part # TL072ACDR.A
Description  TL07xx Low-Noise, FET-Input Operational Amplifiers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL072ACDR.A Datasheet(HTML) 51 Page - Texas Instruments

Back Button TL072ACDR.A Datasheet HTML 47Page - Texas Instruments TL072ACDR.A Datasheet HTML 48Page - Texas Instruments TL072ACDR.A Datasheet HTML 49Page - Texas Instruments TL072ACDR.A Datasheet HTML 50Page - Texas Instruments TL072ACDR.A Datasheet HTML 51Page - Texas Instruments TL072ACDR.A Datasheet HTML 52Page - Texas Instruments TL072ACDR.A Datasheet HTML 53Page - Texas Instruments TL072ACDR.A Datasheet HTML 54Page - Texas Instruments TL072ACDR.A Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 89 page
background image
www.ti.com
PACKAGE OUTLINE
.27 MAX
GLASS
.27 MAX
GLASS
.005 MIN
TYP
5X .32 .01
.241
+.019
-.003
5X .32 .01
10X .017 .002
8X .050 .005
.045 MAX
TYP
.010 .002
.005 .001
.067
+.013
-.012
.045
.026
CFP - 2.03 mm max height
U0010A
CERAMIC FLATPACK
4225582/A 01/2020
PIN 1 ID
5
6
10
1
NOTES:
1. All linear dimensions are in inches. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
SCALE 1.400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com