Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072ACDR.A Datasheet(PDF) 73 Page - Texas Instruments

Part # TL072ACDR.A
Description  TL07xx Low-Noise, FET-Input Operational Amplifiers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL072ACDR.A Datasheet(HTML) 73 Page - Texas Instruments

Back Button TL072ACDR.A Datasheet HTML 69Page - Texas Instruments TL072ACDR.A Datasheet HTML 70Page - Texas Instruments TL072ACDR.A Datasheet HTML 71Page - Texas Instruments TL072ACDR.A Datasheet HTML 72Page - Texas Instruments TL072ACDR.A Datasheet HTML 73Page - Texas Instruments TL072ACDR.A Datasheet HTML 74Page - Texas Instruments TL072ACDR.A Datasheet HTML 75Page - Texas Instruments TL072ACDR.A Datasheet HTML 76Page - Texas Instruments TL072ACDR.A Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 89 page
background image
www.ti.com
PACKAGE OUTLINE
C
2.95
2.65
TYP
1.1
MAX
6X 0.65
8X
0.38
0.22
2X
1.95
0.20
0.08
TYP
0 - 8
0.1
0.0
0.25
GAGE PLANE
0.6
0.3
4X 0 -15
4X 4 -15
A
2.95
2.85
NOTE 3
B
1.65
1.55
4222047/E 07/2024
SOT-23-THIN - 1.1 mm max height
DDF0008A
PLASTIC SMALL OUTLINE
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
1
8
0.1
C A B
5
4
PIN 1 ID
AREA
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 4.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com