Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072ACDRG4 Datasheet(PDF) 15 Page - Texas Instruments

Part # TL072ACDRG4
Description  TL07xx Low-Noise, FET-Input Operational Amplifiers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL072ACDRG4 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TL072ACDRG4 Datasheet HTML 11Page - Texas Instruments TL072ACDRG4 Datasheet HTML 12Page - Texas Instruments TL072ACDRG4 Datasheet HTML 13Page - Texas Instruments TL072ACDRG4 Datasheet HTML 14Page - Texas Instruments TL072ACDRG4 Datasheet HTML 15Page - Texas Instruments TL072ACDRG4 Datasheet HTML 16Page - Texas Instruments TL072ACDRG4 Datasheet HTML 17Page - Texas Instruments TL072ACDRG4 Datasheet HTML 18Page - Texas Instruments TL072ACDRG4 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 89 page
background image
5.8 Electrical Characteristics (DC) for TL07xC, TL07xAC, TL07xBC, TL07xI, TL07xM
at VS = (VCC+) – (VCC–) = ±15 V and TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1) (2)
MIN
TYP
MAX
UNIT
DC
VOS
Input offset voltage
VO = 0 V
RS = 50 Ω
TL07xC
3
10
mV
TA = Full range
13
TL07xAC
3
6
TA = Full range
7.5
TL07xBC
2
3
TA = Full range
5
TL07xI
3
6
TA = Full range
8
TL071M, TL072M
3
6
TA = Full range
9
TL074M
3
9
TA = Full range
15
dVOS/dT
Input offset voltage
drift
VO = 0 V, RS = 50 Ω
TA = Full range
±18
µV/
℃
IOS
Input offset current
VO = 0 V
TL07xC
5
100
pA
TA = Full range
10
nA
TL07xAC, TL07xBC,
TL07xI
5
100
pA
TA = Full range
2
nA
TL07xM
5
100
pA
TA = Full range
20
nA
IB
Input bias current
VO = 0 V
TL07xC, TL07xAC,
TL07xBC, TL07xI
65
200
pA
TA = Full range
7
nA
TL071M, TL072M
65
200
pA
TA = Full range
50
nA
TL074M
65
200
pA
TA = Full range
20
nA
VCM
Common-mode
voltage
±11 –12 to 15
V
VOM
Maximum peak output
voltage swing
RL = 10 kΩ
±12
±13.5
V
RL ≥ 10 kΩ
TA = Full range
±12
RL ≥ 2 kΩ
±10
AOL
Open-loop voltage
gain
VO = 0 V
TL07xC
25
200
V/mV
TA = Full range
15
TL07xAC, TL07xBC,
TL07xI
50
200
TA = Full range
25
TL07xM
35
200
TA = Full range
15
GBW
Gain-bandwidth
product
All NS and PS packages; All TL07xM devices
3
MHz
All other devices
5.25
RID
Common-mode input
resistance
1
TΩ
CMRR
Common-mode
rejection ratio
VIC = VICR(min)
VO = 0 V
RS = 50 Ω
TL07xC
70
100
dB
TL07xAC, TL07xBC, TL07xI
75
100
TL07xM
80
86
PSRR
Input offset voltage
versus power supply
VS = ±9 V to ± 18 V
VO = 0 V
RS = 50 Ω
TL07xC
70
100
dB
TL07xAC, TL07xBC, TL07xI
80
100
TL07xM
80
86
www.ti.com
TL071, TL071A, TL071B, TL071H
TL072, TL072A, TL072B, TL072H, TL072M
TL074, TL074A, TL074B, TL074H, TL074M
SLOS080W – SEPTEMBER 1978 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TL071 TL071A TL071B TL071H TL072 TL072A TL072B TL072H TL072M TL074 TL074A TL074B TL074H TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com